Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M16D2-25BCN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C64M16D2-25BCN
Description  JEDEC Standard Compliant
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M16D2-25BCN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C64M16D2-25BCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M16D2-25BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M16D2-25BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M16D2-25BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M16D2-25BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M16D2-25BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M16D2-25BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M16D2-25BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M16D2-25BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
AS4C64M16D2
Alliance Memory Inc. reserves the right to change products or specification without notice.
6
Rev. 1.1
April. /2012
ODT
Input
On Die Termination: ODT enables internal termination resistance. It is applied to each
DQ, LDQS/LDQS#, UDQS/UDQS#, LDM, and UDM signal. The ODT pin is ignored if the
EMR (1) is programmed to disable ODT.
VDD
Supply
Power Supply: +1.8V ±0.1V
VSS
Supply
Ground
VDDL
Supply
DLL Power Supply: +1.8V ±0.1V
VSSDL
Supply
DLL Ground
VDDQ
Supply
DQ Power: +1.8V ±0.1V.
VSSQ
Supply
DQ Ground
VREF
Supply
Reference Voltage for Inputs: +0.5*VDDQ
NC
-
No Connect: These pins should be left unconnected.


Similar Part No. - AS4C64M16D2-25BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C64M16D2-25BCN ALSC-AS4C64M16D2-25BCN Datasheet
1Mb / 58P
   1Gb (64M x 16 bit) DDRII Synchronous DRAM (SDRAM)
More results

Similar Description - AS4C64M16D2-25BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
2GB-AUTO-AS4C128M16D3 ALSC-2GB-AUTO-AS4C128M16D3 Datasheet
2Mb / 83P
   JEDEC Standard Compliant
1GB-DDR3L-AS4C64M16D3L ALSC-1GB-DDR3L-AS4C64M16D3L Datasheet
2Mb / 90P
   JEDEC Standard Compliant
logo
GSI Technology
GS8672D20BE-633 GSI-GS8672D20BE-633 Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672D20BGE-450 GSI-GS8672D20BGE-450 Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672Q20BGE-500I GSI-GS8672Q20BGE-500I Datasheet
457Kb / 28P
   JEDEC-standard package
GS8672D20BE-633I GSI-GS8672D20BE-633I Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672D38BGE-500I GSI-GS8672D38BGE-500I Datasheet
483Kb / 30P
   JEDEC-standard package
GS8672D38BGE-400I GSI-GS8672D38BGE-400I Datasheet
483Kb / 30P
   JEDEC-standard package
logo
Eorex Corporation
EM44CM1688LBB EOREX-EM44CM1688LBB Datasheet
415Kb / 29P
   JEDEC Standard VDD/VDDQ
EM47EM3288SBA EOREX-EM47EM3288SBA Datasheet
922Kb / 37P
   JEDEC Standard VDD/VDDQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com