Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M16MD2-25BCN Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS4C64M16MD2-25BCN
Description  Configurable Drive Strength
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M16MD2-25BCN Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS4C64M16MD2-25BCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M16MD2-25BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 129 page
background image
LPDDR2 SDRAM Addressing
ITEM
1Gb
Number of banks
8
Bank address pins
BA0~BA2
Auto precharge pin
A10/AP
X16
Row addresses
R0-R12
Column addresses
C0-C9
tREFI(µs)
7.8
X32
Row addresses
R0-R12
Column addresses
C0-C8
tREFI(µs)
7.8
NOTE 1. The least-significant column address C0 is not transmitted on the CA bus, and is implied to be zero.
NOTE 2. tREFI values for all bank refresh is Tc = -25~85℃, Tc means Operating Case Temperature.
NOTE 3. Row and Column Address values on the CA bus that are not used are “don’t care.”
AS4C64M16MD2-25BCN
AS4C32M32MD2-25BCN
Confidential
- 5/129 -
Rev.1.0 July 2016


Similar Part No. - AS4C64M16MD2-25BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C64M16MD2A-25BIN ALSC-AS4C64M16MD2A-25BIN Datasheet
5Mb / 125P
   Low Power DDR2 SDRAM
More results

Similar Description - AS4C64M16MD2-25BCN

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342QT37BGD-300I GSI-GS8342QT37BGD-300I Datasheet
503Kb / 29P
   ZQ pin for programmable output drive strength
logo
List of Unclassifed Man...
AND6 ETC-AND6 Datasheet
12Kb / 2P
   6-input AND gate with 1x drive strength
logo
ams AG
OR2 AMSCO-OR2 Datasheet
12Kb / 1P
   2-input OR gate with 1x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
   7-input OR gate with 3x drive strength.
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
   2-input OR gate with 2x drive strength
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
   5-input AND gate with 2x drive strength.
MU82 AMSCO-MU82 Datasheet
13Kb / 2P
   8-input to 1-output digital multiplexer with 2x drive strength
logo
List of Unclassifed Man...
NA82 ETC1-NA82 Datasheet
13Kb / 2P
   NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
   2-input NAND gate with one inverted input 2x drive strength
MU42 AMSCO-MU42 Datasheet
15Kb / 2P
   4-input to 1-output digital multiplexer with 2x drive strength
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com