Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3864 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HSMP-3864
Description  Surface Mount PIN Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-3864 Datasheet(HTML) 2 Page - Broadcom Corporation.

  HSMP-3864 Datasheet HTML 1Page - Broadcom Corporation. HSMP-3864 Datasheet HTML 2Page - Broadcom Corporation. HSMP-3864 Datasheet HTML 3Page - Broadcom Corporation. HSMP-3864 Datasheet HTML 4Page - Broadcom Corporation. HSMP-3864 Datasheet HTML 5Page - Broadcom Corporation. HSMP-3864 Datasheet HTML 6Page - Broadcom Corporation. HSMP-3864 Datasheet HTML 7Page - Broadcom Corporation. HSMP-3864 Datasheet HTML 8Page - Broadcom Corporation. HSMP-3864 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Package Lead Code Identification,
SOT-23, SOT-143
(Top View)
Package Lead Code Identification,
SOT-323
(Top View)
COMMON
CATHODE
#4
COMMON
ANODE
#3
SERIES
#2
SINGLE
#0
COMMON
CATHODE
F
COMMON
ANODE
E
SERIES
C
SINGLE
B
Package Lead Code Identification,
SOT-363
(Top View)
UNCONNECTED
TRIO
L
12
3
65
4
Electrical Specifications T
C = 25°C, each diode
PIN General Purpose Diodes, Typical Specifications T
A = 25°C
Package
Minimum
Typical
Typical
Part Number
Marking
Lead
Breakdown
Series Resistance
Total Capacitance
HSMP-
Code
Code
Configuration
Voltage V
BR (V)
R
S (Ω)
C
T (pF)
3860
L0
0
Single
50
3.0/1.5*
0.20
3862
L2
2
Series
3863
L3
3
Common Anode
3864
L4
4
Common Cathode
386B
L0
B
Single
386C
L2
C
Series
386E
L3
E
Common Anode
386F
L4
F
Common Cathode
386L
LL
L
Unconnected Trio
Test Conditions
V
R = VBR
I
F = 10 mA
V
R = 50 V
Measure
f = 100 MHz
f = 1 MHz
I
R ≤ 10 µA
I
F = 100 mA*
Absolute Maximum Ratings[1] T
C = +25°C
Symbol
Parameter
Unit
SOT-23
SOT-323
I
f
Forward Current (1 µs Pulse)
Amp
1
1
P
IV
Peak Inverse Voltage
V
50
50
T
j
Junction Temperature
°C
150
150
T
stg
Storage Temperature
°C
-65 to 150
-65 to 150
q
jc
Thermal Resistance[2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. T
C = +25°C, where TC is defined to be the temperature at the package pins where contact is made to
the circuit board.
ESD WARNING:
Handling Precautions Should Be Taken To Avoid
Static Discharge.
RING
QUAD
D
1
3
2
4
See separate data sheet HSMP-386D


Similar Part No. - HSMP-3864

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3864 HP-HSMP-3864 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-3864 HP-HSMP-3864 Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864 AVAGO-HSMP-3864 Datasheet
356Kb / 10P
   Surface Mount PIN Diodes Matched Diodes for Consistent Performance
HSMP-3864 AVAGO-HSMP-3864 Datasheet
356Kb / 10P
   Unique Configurations in Surface Mount Packages
HSMP-3864 AVAGO-HSMP-3864 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-3864

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-38XX HP-HSMP-38XX Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
   Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-386X HP-HSMP-386X Datasheet
146Kb / 9P
   Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386F BOARDCOM-HSMP-386F Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com