Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3892 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # HSMP-3892
Description  Surface Mount RF PIN Switch Diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-3892 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button HSMP-3892 Datasheet HTML 3Page - Broadcom Corporation. HSMP-3892 Datasheet HTML 4Page - Broadcom Corporation. HSMP-3892 Datasheet HTML 5Page - Broadcom Corporation. HSMP-3892 Datasheet HTML 6Page - Broadcom Corporation. HSMP-3892 Datasheet HTML 7Page - Broadcom Corporation. HSMP-3892 Datasheet HTML 8Page - Broadcom Corporation. HSMP-3892 Datasheet HTML 9Page - Broadcom Corporation. HSMP-3892 Datasheet HTML 10Page - Broadcom Corporation. HSMP-3892 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Equivalent Circuit Model
HSMP-389x Chip*
Typical Applications for HSMP-489x Low Inductance Series
Microstrip Series Connection for HSMP-489x Series
In order to take full advantage of the low inductance
of the HSMP-489x series when using them in series ap-
plications, both lead 1 and lead 2 should be connected
together, as shown in Figure 17.
A SPICE model is not available for PIN diodes as SPICE
does not provide for a key PIN diode characteristic, car-
rier lifetime.
0.3 nH
0.3 nH
0.3 pF
1.5 nH
1.5 nH
0.12 pF*
* Measured at -20 V
0.5
Rj
Rs
Cj
RT = 0.5 + Rj
CT = CP + Cj
I = Forward Bias Current in mA
* See AN1124 for package models
Rj =
20
I0.9
0.3 pF
0.75 nH
Figure 16. Internal Connections.
Figure 17. Circuit Layout.
Figure 18. Circuit Layout.
Figure 19. Equivalent Circuit.
Microstrip Shunt Connections for HSMP-489x Series
In Figure 18, the center conductor of the microstrip
line is interrupted and leads 1 and 2 of the HSMP-489x
diode are placed across the resulting gap. This forces
the 1.5 nH lead inductance of leads 1 and 2 to appear as
part of a low pass filter, reducing the shunt parasitic in-
ductance and increasing the maximum available atten-
uation. The 0.3 nH of shunt inductance external to the
diode is created by the via holes, and is a good estimate
for 0.032" thick material.
Co-Planar Waveguide Shunt Connection for HSMP-489x Series
Co-Planar waveguide, with ground on the top side of
the printed circuit board, is shown in Figure 20. Since
it eliminates the need for via holes to ground, it offers
lower shunt parasitic inductance and higher maximum
attenuation when compared to a microstrip circuit.
Figure 20. Circuit Layout.
Figure 21. Equivalent Circuit.
1
2
3
HSMP-489x
50 OHM MICROSTRIP LINES
PAD CONNECTED TO GROUND
BY TWO VIA HOLES
Co-Planar Waveguide
Groundplane
Center Conductor
Groundplane


Similar Part No. - HSMP-3892

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3892 HP-HSMP-3892 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-3892 HP-HSMP-3892 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3892 AVAGO-HSMP-3892 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
HSMP-3892 AVAGO-HSMP-3892 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 AVAGO-HSMP-3892 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
More results

Similar Description - HSMP-3892

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3890 HP-HSMP-3890 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890_15 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com