Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8P79818NLGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT8P79818NLGI
Description  Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT8P79818NLGI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT8P79818NLGI Datasheet HTML 1Page - Integrated Device Technology IDT8P79818NLGI Datasheet HTML 2Page - Integrated Device Technology IDT8P79818NLGI Datasheet HTML 3Page - Integrated Device Technology IDT8P79818NLGI Datasheet HTML 4Page - Integrated Device Technology IDT8P79818NLGI Datasheet HTML 5Page - Integrated Device Technology IDT8P79818NLGI Datasheet HTML 6Page - Integrated Device Technology IDT8P79818NLGI Datasheet HTML 7Page - Integrated Device Technology IDT8P79818NLGI Datasheet HTML 8Page - Integrated Device Technology IDT8P79818NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
©2016 Integrated Device Technology, Inc.
December 19, 2016
Description
The device is intended to take 1 or 2 reference clocks, select
between them, using a pin or register selection and generate up to 8
outputs that may be the same as the reference frequency or
integer-divider versions of it.
The 8P79818 supports two output banks, each with its own divider
and power supply. All outputs in one bank would generate the same
output frequency, but each output can be individually controlled for
output type, output enable or even powered-off.
The device supports a serial port for configuration of the parameters
while in operation. The serial port can be selected to use the I2C or
SPI protocol. After power-up, all outputs will come up in LVDS mode
and may be programmed to other configurations over the serial port.
Outputs may be enabled or disabled under control of the OE input
pin.
The device can operate over the -40°C to +85°C temperature range.
Features
Two differential inputs support LVPECL, LVDS, HCSL or LVCMOS
reference clocks
— Accepts input frequencies ranging from 1PPS (1Hz) to
700MHz
Select which of the two input clocks is to be used as the reference
clock for which divider via pin or register selection
— Switchover will not generate any runt clock pulses on the
output
Generates eight differential outputs
or eight LVCMOS outputs, Bank A only
— Differential outputs selectable as LVPECL, LVDS, CML or
HCSL
— Differential outputs support frequencies from 1PPS to 700MHz
— LVCMOS outputs support frequencies from 1PPS to 200MHz
— LVCMOS outputs in the same pair may be inverted or in-phase
relative to one another
Outputs arranged in 2 banks of 4 outputs each
— Each bank supports a separate power supply of 3.3V, 2.5V or
1.8V
— 1.5V output voltage is also supported for LVCMOS, Bank A
only
— One divider per output bank, supporting divide ratios of 2...511
or divider bypass
Output enable control pin
— Output enable or disable will not cause any runt pulses
Register programmable via I2C / SPI serial port
— Individual output enables, output type selection and output
power-down control bits supported
— Input mux selection control bit
Core voltage supply of 3.3V, 2.5V or 1.8V
-40°C to +85°C ambient operating temperature
Lead-free (RoHS 6) packaging
8P79818
Datasheet
Programmable Low Additive Jitter 2:8
Buffer with Dividers and Universal Outputs


Similar Part No. - IDT8P79818NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8P791208NLGI IDT-IDT8P791208NLGI Datasheet
817Kb / 32P
   Low Additive Jitter 2:8 Buffer with CMOS/ Differential Outputs
More results

Similar Description - IDT8P79818NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8P79818 RENESAS-8P79818 Datasheet
1Mb / 34P
   Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
March 6, 2023
8P391208 RENESAS-8P391208 Datasheet
1Mb / 40P
   Low Additive Jitter 2:8 Buffer with Universal Differential Outputs
February 3, 2023
logo
Integrated Device Techn...
8P391208 IDT-8P391208 Datasheet
919Kb / 41P
   Low Additive Jitter 2:8 Buffer with Universal Differential Outputs
8P791208 IDT-8P791208 Datasheet
817Kb / 32P
   Low Additive Jitter 2:8 Buffer with CMOS/ Differential Outputs
logo
Renesas Technology Corp
8P791208 RENESAS-8P791208 Datasheet
931Kb / 32P
   Low Additive Jitter 2:8 Buffer with CMOS / Differential Outputs
January 31, 2023
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
[Old version datasheet]   2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com