Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3894 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # HSMP-3894
Description  Surface Mount RF PIN Switch Diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-3894 Datasheet(HTML) 5 Page - Broadcom Corporation.

  HSMP-3894 Datasheet HTML 1Page - Broadcom Corporation. HSMP-3894 Datasheet HTML 2Page - Broadcom Corporation. HSMP-3894 Datasheet HTML 3Page - Broadcom Corporation. HSMP-3894 Datasheet HTML 4Page - Broadcom Corporation. HSMP-3894 Datasheet HTML 5Page - Broadcom Corporation. HSMP-3894 Datasheet HTML 6Page - Broadcom Corporation. HSMP-3894 Datasheet HTML 7Page - Broadcom Corporation. HSMP-3894 Datasheet HTML 8Page - Broadcom Corporation. HSMP-3894 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Typical Applications for Multiple Diode Products (continued)
Figure 11. HSMP-389V Series/Shunt Pair used in a 1.8 GHz
Transmit/Receive Switch.
Figure 10. HSMP-389U Series/Shunt Pair used in a 900 MHz
Transmit/Receive Switch.
Figure 8. HSMP-389L Unconnected Trio used in a Positive Voltage,
High Isolation Switch.
Figure 9. HSMP-389T used in a Low Inductance Shunt
Mounted Switch.
λ
4
Rcvr
Xmtr
Bias
Ant
PA
bias
HSMP-389U
LNA
l
4
RF in
RF out
1
+V
0
2
0
+V
“ON”
“OFF”
4
5
6
1
1
1
2
2
3
RF in
RF out
4
5
6
1
2
3
Rcvr
Bias
Xmtr
HSMP-389V
Antenna
l
4
λ
4
Rcvr
Xmtr
Bias
Ant
C
C


Similar Part No. - HSMP-3894

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3894 HP-HSMP-3894 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
HSMP-3894 HP-HSMP-3894 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3894 AVAGO-HSMP-3894 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
HSMP-3894 AVAGO-HSMP-3894 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3894 AVAGO-HSMP-3894 Datasheet
332Kb / 13P
   Surface Mount RF PIN Switch Diodes
More results

Similar Description - HSMP-3894

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3890 HP-HSMP-3890 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-389F BOARDCOM-HSMP-389F Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389E BOARDCOM-HSMP-389E Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389L BOARDCOM-HSMP-389L Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389T BOARDCOM-HSMP-389T Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3892 BOARDCOM-HSMP-3892 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890_15 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Broadcom Corporation.
HSMP-3893 BOARDCOM-HSMP-3893 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com