Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-4820 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # HSMP-4820
Description  Surface Mount RF PIN Switch and Limiter Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-4820 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button HSMP-4820 Datasheet HTML 2Page - Broadcom Corporation. HSMP-4820 Datasheet HTML 3Page - Broadcom Corporation. HSMP-4820 Datasheet HTML 4Page - Broadcom Corporation. HSMP-4820 Datasheet HTML 5Page - Broadcom Corporation. HSMP-4820 Datasheet HTML 6Page - Broadcom Corporation. HSMP-4820 Datasheet HTML 7Page - Broadcom Corporation. HSMP-4820 Datasheet HTML 8Page - Broadcom Corporation. HSMP-4820 Datasheet HTML 9Page - Broadcom Corporation. HSMP-4820 Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Assembly Information
SOT-323 PCB Footprint
A recommended PCB pad layout for the miniature SOT-
323 (SC-70) package is shown in Figure 19 (dimensions
are in inches). This layout provides ample allowance for
package placement by automated assembly equipment
without adding parasitics that could impair the
performance.
0.026
0.039
0.079
0.022
Dimensions in inches
0.039
1
0.039
1
0.079
2.0
0.031
0.8
Dimensions in
inches
mm
0.035
0.9
Figure 19. Recommended PCB Pad Layout
for Avago’s SC70 3L/SOT-323 Products.
SOT-23 PCB Footprint
Figure 20. Recommended PCB Pad Layout
for Avago’s SOT-23 Products.


Similar Part No. - HSMP-4820

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-4820 HP-HSMP-4820 Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-4820 AVAGO-HSMP-4820 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes Tape and Reel Options Available
HSMP-4820 AVAGO-HSMP-4820 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
Agilent(Hewlett-Packard...
HSMP-4820-BLK HP-HSMP-4820-BLK Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-4820-BLKG AVAGO-HSMP-4820-BLKG Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
More results

Similar Description - HSMP-4820

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3824 BOARDCOM-HSMP-3824 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-382X AVAGO-HSMP-382X Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3822-TR1G AVAGO-HSMP-3822-TR1G Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
Broadcom Corporation.
HSMP-3820 BOARDCOM-HSMP-3820 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-3823 BOARDCOM-HSMP-3823 Datasheet
153Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3822-BLKG AVAGO-HSMP-3822-BLKG Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
Broadcom Corporation.
HSMP-3822 BOARDCOM-HSMP-3822 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
HSMP-482B BOARDCOM-HSMP-482B Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3820 AVAGO-HSMP-3820 Datasheet
142Kb / 10P
   Surface Mount RF PIN Switch and Limiter Diodes Tape and Reel Options Available
logo
Microsemi Corporation
GMP4201 MICROSEMI-GMP4201 Datasheet
133Kb / 2P
   Surface Mount PIN & Limiter Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com