Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C128M32MD2-18BIN Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS4C128M32MD2-18BIN
Description  Operating case temperature range
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M32MD2-18BIN Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS4C128M32MD2-18BIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C128M32MD2-18BIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 103 page
background image
Signal Pin Description
Pin
Type
Function
CK, CK
(CK, CK#)
(CK_t, CK_c)
Input
Clock : CK and CK are differential clock inputs. All CA inputs are sampled onboth rising and falling
edges of CK. CS and CKE inputs are sampled at the risingedge of CK. AC timings are referenced to
clock.
CKE
Input
Clock Enable : CKE HIGH activates and CKE LOW deactivates the internal clocksignals, input buffers,
and output drivers. Power-saving modes are entered andexited via CKE transitions. CKE is considered
part of the command code. CKE issampled at the rising edge of CK.
CS
(CS#)
(CS_n)
Input
Chip Select : CS is considered part of the command code and is sampled at therising edge of CK.
CA0~CA9
Input
Command/address inputs: Provide the command and address inputs accordingto the command truth
table.
DM0~DM3
Input
Input Data Mask : DM is an input mask signal for write data. Although DM ballsare input-only, the DM
loading is designed to match that of DQ and DQS balls.DM[3:0] is DM for each of the four data bytes,
respectively.
DQ0~DQ31
Input/output Data input/output: Bidirectional data bus.
DQS[3:0]
(DQS_t[3:0]),
DQS[3:0]
DQS#[3:0]
(DQS_c[3:0])
Input/output Data strobe: The data strobe is bidirectional (used for read and write data) andcomplementary (DQS
and DQS). It is edge-aligned output with read data and centered input with write data. DQS[3:0]/
DQS[3:0] is DQS for each of the four data bytes, respectively.
NC
No Connect: No internal electrical connection is present.
ZQ
Input
External impedance (240 ohm): This signal is used to calibrate the device out-put impedance.
VDD1
Supply
Core power: Supply 1.
VDD2
Supply
Core power: Supply 2.
VDDQ
Supply
DQ power supply: Isolated on the die for improved noise immunity.
VDDCA
Supply
Command/address power supply: Command/address power supply.
VREFDQ,
VREFCA
Supply
Reference voltage: VREFCA is reference for command/address input buffers,VREFDQ is reference
for DQ input buffers.
VSS
Supply
Common ground
AS4C128M32MD2-18BCN
AS4C128M32MD2-18BIN
Confidential
-4/103-
Rev.1.0 June 2016


Similar Part No. - AS4C128M32MD2-18BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M32MD2A-18BIN ALSC-AS4C128M32MD2A-18BIN Datasheet
4Mb / 122P
   Low power DDR2 SDRAM
AS4C128M32MD2A-25BIN ALSC-AS4C128M32MD2A-25BIN Datasheet
4Mb / 122P
   Low power DDR2 SDRAM
More results

Similar Description - AS4C128M32MD2-18BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C512M32MD3-15BCN ALSC-AS4C512M32MD3-15BCN Datasheet
2Mb / 104P
   Operating case temperature range
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com