Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54FCT244CTPGBGB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 54FCT244CTPGBGB
Description  FAST CMOS OCTAL BUFFER/LIN DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

54FCT244CTPGBGB Datasheet(HTML) 1 Page - Integrated Device Technology

  54FCT244CTPGBGB Datasheet HTML 1Page - Integrated Device Technology 54FCT244CTPGBGB Datasheet HTML 2Page - Integrated Device Technology 54FCT244CTPGBGB Datasheet HTML 3Page - Integrated Device Technology 54FCT244CTPGBGB Datasheet HTML 4Page - Integrated Device Technology 54FCT244CTPGBGB Datasheet HTML 5Page - Integrated Device Technology 54FCT244CTPGBGB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT244T/AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
1
DECEMBER 2016
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
FEATURES:
• Std., A, and C grades
• Low input and output leakage
≤≤≤≤≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 64mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Military product compliant to MIL-STD-883, Class B and DESC
listed (dual marked)
• Power off disable outputs permit "live insertion"
• Available in the following packages:
– Industrial: SOIC, SSOP, QSOP, TSSOP
– Military: CERDIP, LCC
FUNCTIONAL BLOCK DIAGRAM
IDT54/74FCT244T/AT/CT
FAST CMOS OCTAL
BUFFER/LINE
DRIVER
DESCRIPTION:
The IDT octal buffer/line driver is built using an advanced dual metal
CMOS technology. The FCT244T is designed to be employed as a memory
and address driver, clock driver, and bus-oriented transmitter/ receiver
which provides improved board density.
DA0
OB0
DA1
OB1
DA2
OB2
DA3
OB3
OEB
OA0
DB0
OA1
DB1
OA2
DB2
OA3
DB3
OEA
DSC-5586/5
© 2016 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.


Similar Part No. - 54FCT244CTPGBGB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Rochester Electronics
54FCT244 ROCHESTER-54FCT244 Datasheet
529Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
logo
National Semiconductor ...
54FCT244D NSC-54FCT244D Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Rochester Electronics
54FCT244DM ROCHESTER-54FCT244DM Datasheet
529Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
54FCT244DMQB ROCHESTER-54FCT244DMQB Datasheet
529Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
More results

Similar Description - 54FCT244CTPGBGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com