Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C512M32MD3-15BCN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C512M32MD3-15BCN
Description  Operating case temperature range
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C512M32MD3-15BCN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C512M32MD3-15BCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C512M32MD3-15BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
HIGH PERFORMANCE 16Gbit LPDDR3 SDRAM
8 BANKS X 32Mbit X 32 X 2 CS
Specifications
-
Density : 16G bits
-
Organization :
- 32M words x 32 bits x 8 banks x 2 CS
-
Package :
- 178-ball FBGA
- Lead-free (RoHS compliant) and Halogen-free
-
Power supply :
- VDD1 = 1.8V (1.7V~1.95V)
- VDD2/VDDQ/VDDCA = 1.2V (1.14V~1.3V)
-
HSUL_12 interface (High Speed Unterminated Logic
1.2V)
-
Data rate :
- 1333Mbps RL=10
-
RL / WL select setA / setB
-
Driver strength :
- Typical : 34.3/40/48/60/80
Ω
- PD34.3_PU40 / PD40_PU48 / PD34.3_PU48
-
ODT: RZQ/4, RZQ/2, RZQ/1 (RZQ = 240
Ω)
-
Operating case temperature range
- Com
mercial Tc = -25°C to +85°C
Features
-
Low power consumption
-
Eight-bit prefetch DDR architecture and BL8 only
-
Eight internal banks for concurrent operation
-
Double data rate architecture for command, address
and data Bus
-
Bidirectional and differential data strobe per byte of
data (DQS and DQS)
-
DQS is edge-aligned with data for READs, center-
aligned with data for WRITEs
-
Differential clock inputs (CK and CK)
-
Data mask (DM) for write data
-
Programmable READ and WRITE latencies (RL/WL)
-
Auto Refresh and Self Refresh
-
Per-bank refresh for concurrent operation
-
Partial-array self refresh (PASR)
-
On-chip temperature sensor to control self refresh rate
for temperature compensated self refresh (TCSR)
-
Deep power-down mode (DPD)
-
Selectable output drive strength (DS)
-
Selectable On-Die Termination
-
CA Training
-
Write leveling via MR setting
-
Clock stop capability
-
DQ calibration offering specific DQ output patterns
-
ZQ calibration
Table1.OrderingInformation
Product part No
Org
Temperature
Max Clock (MHz)
512M x 32
667
Package
178-ball FBGA
Table2.SpeedGradeInformation
Speed Grade
Clock Frequency
Read latency (RL) Write Latency (Set A) Clock Cycle Time (tCK)
DDR3L-1333
667 MHz
10
6
1.5
AS4C512M32MD3-15BCN
Commercial -25°C to +85°C
AS4C512M32MD3-15BCN
Confidential
- 2 of 104 -
Rev.1.0 Nov. 2016


Similar Part No. - AS4C512M32MD3-15BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C512M8D3 ALSC-AS4C512M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C512M8D3-12BAN ALSC-AS4C512M8D3-12BAN Datasheet
4Mb / 83P
   AEC-Q100 Compliant
AS4C512M8D3-12BCN ALSC-AS4C512M8D3-12BCN Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C512M8D3-12BIN ALSC-AS4C512M8D3-12BIN Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C512M8D3A-12BCN ALSC-AS4C512M8D3A-12BCN Datasheet
1Mb / 83P
   78 ball FBGA PACKAGE
More results

Similar Description - AS4C512M32MD3-15BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M32MD2-18BCN ALSC-AS4C128M32MD2-18BCN Datasheet
3Mb / 103P
   Operating case temperature range
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com