Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843S1066DGLF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 843S1066DGLF
Description  Crystal-to-3.3V LVPECL Frequency Synthesizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843S1066DGLF Datasheet(HTML) 3 Page - Integrated Device Technology

  843S1066DGLF Datasheet HTML 1Page - Integrated Device Technology 843S1066DGLF Datasheet HTML 2Page - Integrated Device Technology 843S1066DGLF Datasheet HTML 3Page - Integrated Device Technology 843S1066DGLF Datasheet HTML 4Page - Integrated Device Technology 843S1066DGLF Datasheet HTML 5Page - Integrated Device Technology 843S1066DGLF Datasheet HTML 6Page - Integrated Device Technology 843S1066DGLF Datasheet HTML 7Page - Integrated Device Technology 843S1066DGLF Datasheet HTML 8Page - Integrated Device Technology 843S1066DGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
©2016 Integrated Device Technology, Inc.
Revision B, November 10, 2016
843S1066D Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Table 4C. LVPECL DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Outputs termination with 50
 to V
CC – 2V.
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
XTAL_IN
Other Inputs
0V to VCC
-0.5V to VCC + 0.5V
Outputs, IO
Continuos Current
Surge Current
50mA
100mA
Package Thermal Impedance,
JA
115.2
C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
3.135
3.3
3.465
V
VCCA
Analog Supply Voltage
VCC – 0.24
3.3
VCC
V
IEE
Power Supply Current
83
mA
ICCA
Analog Supply Current
24
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
VCC = VIN = 3.465V
150
µA
IIL
Input Low Current
VCC = 3.465V, VIN = 0V
-10
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCC – 1.3
VCC – 0.8
V
VOL
Output Low Voltage; NOTE 1
VCC – 2.0
VCC – 1.6
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V


Similar Part No. - 843S1066DGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843S1066DGLF RENESAS-843S1066DGLF Datasheet
514Kb / 16P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
November 10, 2016
843S1066DGLFT RENESAS-843S1066DGLFT Datasheet
514Kb / 16P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
November 10, 2016
More results

Similar Description - 843S1066DGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843S1066D RENESAS-843S1066D Datasheet
514Kb / 16P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
November 10, 2016
logo
Integrated Circuit Syst...
ICS843004-02 ICST-ICS843004-02 Datasheet
183Kb / 12P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843252 IDT-843252 Datasheet
382Kb / 17P
   FemtoClock Crystal-to- 3.3V LVPECL Frequency Synthesizer
843004-125 IDT-843004-125 Datasheet
264Kb / 15P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8433625 IDT-8433625 Datasheet
412Kb / 19P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252I-45 IDT-8430252I-45 Datasheet
295Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com