Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85222AMLF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 85222AMLF
Description  Dual LVCMOS / LVTTL-TO-Differential
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

85222AMLF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 85222AMLF Datasheet HTML 3Page - Integrated Device Technology 85222AMLF Datasheet HTML 4Page - Integrated Device Technology 85222AMLF Datasheet HTML 5Page - Integrated Device Technology 85222AMLF Datasheet HTML 6Page - Integrated Device Technology 85222AMLF Datasheet HTML 7Page - Integrated Device Technology 85222AMLF Datasheet HTML 8Page - Integrated Device Technology 85222AMLF Datasheet HTML 9Page - Integrated Device Technology 85222AMLF Datasheet HTML 10Page - Integrated Device Technology 85222AMLF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
REVISION C 5/7/15
85222 DATA SHEET
7
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL
LVHSTL TRANSLATOR
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the 85222.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the 85222 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)
MAX = VDD_MAX * IDD_MAX = 3.465V * 45mA = 155.9mW
Power (outputs)
MAX = 78.9mW/Loaded Output pair
If all outputs are loaded, the total power is 2 * 78.9mW = 157.8mW
Total Power
_MAX (3.465V, with all outputs switching) = 155.9mW + 157.8mW = 313.7mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of
the device. The maximum recommended junction temperature for the devices is 125°C.
The equation for Tj is as follows: Tj =
θJA * Pd_total + TA
Tj = Junction Temperature
θJA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in Section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θJA must be used. Assuming
a moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 103.3°C/W per Table 5 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.314W * 103.3°C/W = 102.4°C. This is well below the limit of 125°C
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
θJA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
153.3°C/W
128.5°C/W
115.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
112.7°C/W
103.3°C/W
97.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 5. THERMAL RESISTANCE
θJA FOR 8-PIN SOIC, FORCED CONVECTION


Similar Part No. - 85222AMLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
85222AMLF RENESAS-85222AMLF Datasheet
358Kb / 14P
   Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
5/7/15
85222AMLFT RENESAS-85222AMLFT Datasheet
358Kb / 14P
   Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
5/7/15
More results

Similar Description - 85222AMLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222-01 ICST-ICS85222-01 Datasheet
154Kb / 13P
   DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
logo
List of Unclassifed Man...
T73LVP22 ETC1-T73LVP22 Datasheet
293Kb / 4P
   Dual 3.3V LVTTL/LVCMOS-to-Differential
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Micrel Semiconductor
SY100EPT22V MICREL-SY100EPT22V_08 Datasheet
74Kb / 6P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY89322V MICREL-SY89322V_09 Datasheet
47Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
   Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Renesas Technology Corp
85222 RENESAS-85222 Datasheet
358Kb / 14P
   Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
5/7/15
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com