Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8745BMI-21LF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS8745BMI-21LF
Description  1:1 Differential-to-LVDS Zero Delay Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8745BMI-21LF Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS8745BMI-21LF Datasheet HTML 1Page - Integrated Device Technology ICS8745BMI-21LF Datasheet HTML 2Page - Integrated Device Technology ICS8745BMI-21LF Datasheet HTML 3Page - Integrated Device Technology ICS8745BMI-21LF Datasheet HTML 4Page - Integrated Device Technology ICS8745BMI-21LF Datasheet HTML 5Page - Integrated Device Technology ICS8745BMI-21LF Datasheet HTML 6Page - Integrated Device Technology ICS8745BMI-21LF Datasheet HTML 7Page - Integrated Device Technology ICS8745BMI-21LF Datasheet HTML 8Page - Integrated Device Technology ICS8745BMI-21LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
©2017 Integrated Device Technology, Inc.
Revision E, January 10, 2017
8745BI-21 Datasheet
Function Tables
Table 3A. Control Input Function Table
*NOTE: VCO frequency range for all configurations above is 250MHz to 700MHz.
Inputs
Outputs
PLL_SEL = 1
PLL Enable Mode
SEL3
SEL2
SEL1
SEL0
Reference Frequency Range (MHz)*
Q, nQ
0000
250 - 700
÷1
0001
125 - 350
÷1
0010
62.5 - 175
÷1
0011
31.25 - 87.5
÷1
0100
250 - 700
÷2
0101
125 - 350
÷2
0110
62.5 - 175
÷2
0111
250 - 700
÷4
1000
125 - 350
÷4
1001
250 - 700
÷8
1010
125 - 350
x2
1011
62.5 - 175
x2
1100
31.25 - 87.5
x2
1101
62.5 - 175
x4
1110
31.25 - 87.5
x4
1111
31.25 - 87.5
x8


Similar Part No. - ICS8745BMI-21LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
logo
Integrated Circuit Syst...
ICS8745BY ICST-ICS8745BY Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
More results

Similar Description - ICS8745BMI-21LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
8745BI-21 RENESAS-8745BI-21 Datasheet
620Kb / 21P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
January 10, 2017
logo
Integrated Device Techn...
874S02I IDT-874S02I Datasheet
401Kb / 17P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
logo
Renesas Technology Corp
874S02I RENESAS-874S02I Datasheet
533Kb / 16P
   1:1 Differential-to-LVDS Zero Delay Clock Generator
July 6, 2021
logo
Integrated Circuit Syst...
ICS8745B ICST-ICS8745B Datasheet
192Kb / 15P
   1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
ICS8745BI RENESAS-ICS8745BI Datasheet
880Kb / 21P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
2019
logo
Integrated Device Techn...
ICS8745BI IDT-ICS8745BI Datasheet
814Kb / 20P
   1:5 Differential-to-LVDS Zero Delay Clock Generator
logo
Integrated Circuit Syst...
ICS87004 ICST-ICS87004 Datasheet
185Kb / 14P
   1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
   1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
ICS87004I RENESAS-ICS87004I Datasheet
764Kb / 15P
   1:4, Differential-to-LVCMOS/LVTTL Zero Delay Clock Generator
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com