Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95256-A145 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95256-A145
Description  Automotive 256-Kbit serial SPI bus EEPROMs with high-speed clock
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-A145 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95256-A145 Datasheet HTML 2Page - STMicroelectronics M95256-A145 Datasheet HTML 3Page - STMicroelectronics M95256-A145 Datasheet HTML 4Page - STMicroelectronics M95256-A145 Datasheet HTML 5Page - STMicroelectronics M95256-A145 Datasheet HTML 6Page - STMicroelectronics M95256-A145 Datasheet HTML 7Page - STMicroelectronics M95256-A145 Datasheet HTML 8Page - STMicroelectronics M95256-A145 Datasheet HTML 9Page - STMicroelectronics M95256-A145 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Description
M95256-A125 M95256-A145
6/44
DocID022807 Rev 8
1
Description
The M95256-A125 and M95256-A145 are 256-Kbit serial EEPROM Automotive grade
devices operating up to 145°C. They are compliant with the very high level of reliability
defined by the Automotive standard AEC-Q100 grade 0.
The devices are accessed by a simple serial SPI compatible interface running up to
20 MHz.
The memory array is based on advanced true EEPROM technology (Electrically Erasable
PROgrammable Memory). The M95256-A125 and M95256-A145 are byte-alterable
memories (32768 × 8 bits) organized as 512 pages of 64 byte in which the data integrity is
significantly improved with an embedded Error Correction Code logic.
The M95256-A125 and M95256-A145 offer an additional Identification Page (64 byte) in
which the ST device identification can be read. This page can also be used to store
sensitive application parameters which can be later permanently locked in read-only mode.
Figure 1. Logic diagram


Similar Part No. - M95256-A145

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256-BN3 STMICROELECTRONICS-M95256-BN3 Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M95256-BN3G STMICROELECTRONICS-M95256-BN3G Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M95256-BN3P STMICROELECTRONICS-M95256-BN3P Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M95256-BN3T STMICROELECTRONICS-M95256-BN3T Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M95256-BN3TG STMICROELECTRONICS-M95256-BN3TG Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
More results

Similar Description - M95256-A145

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95320-A125 STMICROELECTRONICS-M95320-A125 Datasheet
792Kb / 43P
   Automotive 32-Kbit serial SPI bus EEPROMs with high-speed clock
February 2016 Rev 8
M95512-A125 STMICROELECTRONICS-M95512-A125 Datasheet
799Kb / 44P
   Automotive 512-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95640-A125 STMICROELECTRONICS-M95640-A125 Datasheet
802Kb / 44P
   Automotive 64-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 9
M95320 STMICROELECTRONICS-M95320_09 Datasheet
388Kb / 44P
   32 Kbit serial SPI bus EEPROMs with high-speed clock
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
   256 Kbit Serial SPI bus EEPROM with high speed clock
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
   256-Kbit serial SPI bus EEPROM with high-speed clock
Rev 22 - September 2021
M95256_0807 STMICROELECTRONICS-M95256_0807 Datasheet
391Kb / 44P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256_08 Datasheet
373Kb / 43P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95320 STMICROELECTRONICS-M95320 Datasheet
353Kb / 44P
   32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com