Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KESRX04IG Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # KESRX04IG
Description  260 to 470MHz. ASK Receiver with Power Down
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

KESRX04IG Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button KESRX04IG Datasheet HTML 7Page - Zarlink Semiconductor Inc KESRX04IG Datasheet HTML 8Page - Zarlink Semiconductor Inc KESRX04IG Datasheet HTML 9Page - Zarlink Semiconductor Inc KESRX04IG Datasheet HTML 10Page - Zarlink Semiconductor Inc KESRX04IG Datasheet HTML 11Page - Zarlink Semiconductor Inc KESRX04IG Datasheet HTML 12Page - Zarlink Semiconductor Inc KESRX04IG Datasheet HTML 13Page - Zarlink Semiconductor Inc KESRX04IG Datasheet HTML 14Page - Zarlink Semiconductor Inc KESRX04IG Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
KESRX04
PLL
DC PSU (3 to 6V)
KESRX04 PCB
Oscilloscope1
N/C
N/C
N/C
N/C
DATA
RFin RFGND
GND
PD
Vcc
Power Down
Switch
GND
Power Down
Trigger
PLL
Spectrum Analyser
PLL
t
Figure 6 Characterising the PLL aquisition time from power-up
Note :
1
High impedance (*10 probe) oscilloscope probe recommended
2
Loosely coupled antenna or high impedance FET probe recommended for the spectrum analyser measurement.
3
Time taken for PLL to achieve 90% of final voltage and the VCO within +/- 470kHz. of final frequency (423.33MHz.)
4
Power down switch operation.
PD0 = PD pin connected to GND, receiver fully powered down.
PD1 = PD pin open circuit or connected to Vcc/2, crystal oscillator running.
PD2 = PD pin connected to Vcc, receiver fully operational.
5.
Spectrum analyser set to PLL lock frequency (423.33MHz), zero span 470kHz IF bandwidth, t sweep 20mS.
Figure 5b KESRX04 selectivity response
Note: The action of the anti-jam circuit to centre the bandwidth of the receiver around the wanted modulated signal at 433.92MHz
Frequency Response (MHz.)
-20
-10
0
10
20
30
40
50
60
70
80
90
431
431.5
432
432.5
433
433.5
434
434.5
435
435.5
436
Anti-jam
connected
Anti-jam
By-passed


Similar Part No. - KESRX04IG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
KESRX01 ZARLINK-KESRX01 Datasheet
185Kb / 11P
   290 - 460MHz ASK Receiver
KESRX01/IG/QP1S ZARLINK-KESRX01/IG/QP1S Datasheet
185Kb / 11P
   290 - 460MHz ASK Receiver
KESRX01/IG/QP1T ZARLINK-KESRX01/IG/QP1T Datasheet
185Kb / 11P
   290 - 460MHz ASK Receiver
KESRX05 ZARLINK-KESRX05 Datasheet
466Kb / 28P
   260 to 470MHz ASK Receiver with Power Down
KESRX05B1S ZARLINK-KESRX05B1S Datasheet
466Kb / 28P
   260 to 470MHz ASK Receiver with Power Down
More results

Similar Description - KESRX04IG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
KESRX05 ZARLINK-KESRX05 Datasheet
466Kb / 28P
   260 to 470MHz ASK Receiver with Power Down
logo
List of Unclassifed Man...
RX3400 ETC-RX3400 Datasheet
87Kb / 7P
   Low Power ASK Receiver IC
logo
Maxim Integrated Produc...
MAX41473 MAXIM-MAX41473 Datasheet
1Mb / 58P
   290MHz to 960MHz ASK/FSK Receiver with I2C Interface
2021
MAX7036EVKIT MAXIM-MAX7036EVKIT_V01 Datasheet
5Mb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
2021
MAX7036 MAXIM-MAX7036 Datasheet
169Kb / 12P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 0; 3/09
MAX7036 MAXIM-MAX7036_12 Datasheet
174Kb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
logo
ATMEL Corporation
ATA5744 ATMEL-ATA5744 Datasheet
315Kb / 20P
   UHF ASK Receiver
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
   ASK/OOK Receiver
logo
ATMEL Corporation
T5744 ATMEL-T5744 Datasheet
257Kb / 19P
   UHF ASK Receiver
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036_10 Datasheet
218Kb / 13P
   300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com