Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS57C0504 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KS57C0504
Description  MICROCONTROLLER
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C0504 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KS57C0504 Datasheet HTML 2Page - Samsung semiconductor KS57C0504 Datasheet HTML 3Page - Samsung semiconductor KS57C0504 Datasheet HTML 4Page - Samsung semiconductor KS57C0504 Datasheet HTML 5Page - Samsung semiconductor KS57C0504 Datasheet HTML 6Page - Samsung semiconductor KS57C0504 Datasheet HTML 7Page - Samsung semiconductor KS57C0504 Datasheet HTML 8Page - Samsung semiconductor KS57C0504 Datasheet HTML 9Page - Samsung semiconductor KS57C0504 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 282 page
background image
PRODUCT OVERVIEW
KS57C0502/C0504/P0504 MICROCONTROLLER
1–6
BIT SEQUENTIAL CARRIER
The bit sequential carrier (BSC) is a 16-bit register that can be manipulated using 1-, 4-, and 8-bit instructions.
Using 1-bit indirect addressing, addresses and bit locations can be specified sequentially. In this way,
programs can process 16-bit data by moving the bit location sequentially and then incrementing or decrementing
the value of the L register. BSC data can also be manipulated using direct addressing.
COMPARATOR
The KS57C0502/C0504 contains a 4-channel comparator which can be multiplexed to normal input port.
— Conversion time: 15.2 µs, 121.6 µs at 4.19 MHz
— Two operation modes:
Three channels for analog input and one channel for external reference voltage input
Four channels for analog input and internal reference voltage level
— 16-level internal reference voltage generator
— 150 mV accuracy for input voltage level difference detection (maximum)
— Comparator enable and disable
The comparison results are read from the 4-bit CMPREG register after the specified conversion time.


Similar Part No. - KS57C0504

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C0504 SAMSUNG-KS57C0504 Datasheet
1Mb / 282P
   The KS57P0504 is the microcontroller which has 4 Kbyte one-time-programmable ROM and the functions are the same to KS57C0502/C0504
More results

Similar Description - KS57C0504

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com