Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB820_T0_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # SB820_T0_00001
Description  D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB820_T0_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  SB820_T0_00001 Datasheet HTML 1Page - Pan Jit International Inc. SB820_T0_00001 Datasheet HTML 2Page - Pan Jit International Inc. SB820_T0_00001 Datasheet HTML 3Page - Pan Jit International Inc. SB820_T0_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
October 3,2016-REV.06
SB820~SB860
Part No_packing code_Version
SB820_T0_00001
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - SB820_T0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB820CT PANJIT-SB820CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
logo
Won-Top Electronics
SB820CT WTE-SB820CT Datasheet
50Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB820CT PANJIT-SB820CT Datasheet
428Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB820CT PACELEADER-SB820CT Datasheet
270Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB820CT PANJIT-SB820CT Datasheet
86Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB820_T0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR840D PANJIT-MBR840D Datasheet
124Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840DC PANJIT-MBR840DC Datasheet
126Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820DC PANJIT-SB820DC_09 Datasheet
128Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
MBR840D PANJIT-MBR840D_12 Datasheet
125Kb / 5P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820DC PANJIT-SB820DC_16 Datasheet
128Kb / 3P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820 PANJIT-SB820_09 Datasheet
77Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820D PANJIT-SB820D_05 Datasheet
427Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820CT PANJIT-SB820CT_09 Datasheet
86Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB820FCT PANJIT-SB820FCT_09 Datasheet
92Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS52F YFWDIODE-SS52F Datasheet
191Kb / 3P
   Surface MountSchottky Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com