Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12955 Datasheet(PDF) 4 Page - Cree, Inc

Part # C12955
Description  Barbara series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C12955 Datasheet(HTML) 4 Page - Cree, Inc

  C12955 Datasheet HTML 1Page - Cree, Inc C12955 Datasheet HTML 2Page - Cree, Inc C12955 Datasheet HTML 3Page - Cree, Inc C12955 Datasheet HTML 4Page - Cree, Inc C12955 Datasheet HTML 5Page - Cree, Inc C12955 Datasheet HTML 6Page - Cree, Inc C12955 Datasheet HTML 7Page - Cree, Inc C12955 Datasheet HTML 8Page - Cree, Inc C12955 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
0%
25%
50%
75%
100%
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Relative intensity of C12955_BARBARA-XW_(CXA20)


Similar Part No. - C12955

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12958 LEDIL-C12958 Datasheet
11Mb / 288P
   Lenina Reflector
More results

Similar Description - C12955

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN14711 CREE-FCN14711 Datasheet
444Kb / 6P
   Barbara series
FCN14286 CREE-FCN14286 Datasheet
363Kb / 7P
   Barbara series
FCN14311 CREE-FCN14311 Datasheet
2Mb / 49P
   Barbara series
FCN14712 CREE-FCN14712 Datasheet
405Kb / 7P
   Barbara series
FCN13927 CREE-FCN13927 Datasheet
2Mb / 44P
   Barbara series
FCN14710 CREE-FCN14710 Datasheet
426Kb / 6P
   Barbara series
FCN14283 CREE-FCN14283 Datasheet
555Kb / 9P
   Barbara series
FCN14709 CREE-FCN14709 Datasheet
561Kb / 9P
   Barbara series
C13032 CREE-C13032 Datasheet
1Mb / 18P
   Barbara series
logo
Ledil, Inc.
C11553-BARBARA-W LEDIL-C11553-BARBARA-W Datasheet
1Mb / 13P
   Barbara series
logo
Cree, Inc
C11553 CREE-C11553 Datasheet
1Mb / 18P
   Barbara series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com