Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V2548S150BQI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT71V2548S150BQI
Description  128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2548S150BQI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT71V2548S150BQI Datasheet HTML 2Page - Integrated Device Technology IDT71V2548S150BQI Datasheet HTML 3Page - Integrated Device Technology IDT71V2548S150BQI Datasheet HTML 4Page - Integrated Device Technology IDT71V2548S150BQI Datasheet HTML 5Page - Integrated Device Technology IDT71V2548S150BQI Datasheet HTML 6Page - Integrated Device Technology IDT71V2548S150BQI Datasheet HTML 7Page - Integrated Device Technology IDT71V2548S150BQI Datasheet HTML 8Page - Integrated Device Technology IDT71V2548S150BQI Datasheet HTML 9Page - Integrated Device Technology IDT71V2548S150BQI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6.42
6
IDT71V2546, IDT71V2548, 128K x 36, 256K x 18, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Absolute Maximum Ratings(1)
Pin Configuration — 256K x 18
119 BGA Capacitance(1)
(TA = +25° C, f = 1.0MHz)
NOTES:
1. Pins 14, 16 and 66 do not have to be connected directly to VDD as long
as the input voltage is
≥ VIH.
2. Pins 83 and 84 are reserved for future 8M and 16M respectively.
3. Pin 64 does not have to be connected directly to VSS as long as the input
voltage is
≤ VIL; on the latest die revision this pin supports ZZ (sleep
mode).
Top View
100 TQFP
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VDD terminals only.
3. VDDQ terminals only.
4. Input terminals only.
5. I/O terminals only.
6. This is a steady-state DC parameter that applies after the power supply has
reached its nominal operating value. Power sequencing is not necessary;
however, the voltage on any input or I/O pin cannot exceed VDDQ during power
supply ramp up.
7. TA is the "instant on" case temperature.
NOTE:
1. This parameter is guaranteed by device characterization, but not production tested.
Symbol
Rating
Commercial &
Industrial Values
Unit
VTERM
(2)
Terminal Voltage with
Respect to GND
-0.5 to +4.6
V
VTERM
(3,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD
V
VTERM
(4,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD +0.5
V
VTERM
(5,6)
Terminal Voltage with
Respect to GND
-0.5 to VDDQ +0.5
V
TA(7)
Commercial
Operating Temperature
-0 to +70
oC
Industrial
Operating Temperature
-40 to +85
oC
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-55 to +125
oC
PT
Power Dissipation
2.0
W
IOUT
DC Output Current
50
mA
5294 tbl 06
100 99 98 97 969594939291 90
87868584 83 82 81
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
NC
NC
VDDQ
VSS
NC
I/OP2
I/O15
I/O14
VSS
VDDQ
I/O13
I/O12
VSS
VDD
I/O11
I/O10
VDDQ
VSS
I/O9
I/O8
NC
NC
VSS
VDDQ
NC
NC
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
NC
VDDQ
VSS
NC
I/OP1
I/O7
I/O6
VSS
VDDQ
I/O5
I/O4
VSS
VDD
I/O3
I/O2
VDDQ
VSS
I/O1
I/O0
NC
NC
VSS
VDDQ
NC
NC
5294 drw 02a
VDD(1)
NC
NC
VDD(1)
NC
NC
VDD(1)
A10
VSS/ZZ(3)
,
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
5
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5294 tbl 07
100 TQFP Capacitance(1)
(TA = +25° C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5294 tbl 07a
165 fBGA Capacitance(1)
(TA = +25° C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
TBD
pF
CI/O
I/O Capacitance
VOUT = 3dV
TBD
pF
5294 tbl 07b


Similar Part No. - IDT71V2548S150BQI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
IDT71V2546XS IDT-IDT71V2546XS Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
More results

Similar Description - IDT71V2548S150BQI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2556S RENESAS-71V2556S Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
logo
Integrated Device Techn...
IDT71V3557S IDT-IDT71V3557S Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71T75602 IDT-IDT71T75602 Datasheet
637Kb / 25P
   512K x 36, 1M x 18 2.5V Synchronous ZBT??SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com