Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8445 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8445
Description  Self Protected High Side Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8445 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8445 Datasheet HTML 7Page - ON Semiconductor NCV8445 Datasheet HTML 8Page - ON Semiconductor NCV8445 Datasheet HTML 9Page - ON Semiconductor NCV8445 Datasheet HTML 10Page - ON Semiconductor NCV8445 Datasheet HTML 11Page - ON Semiconductor NCV8445 Datasheet HTML 12Page - ON Semiconductor NCV8445 Datasheet HTML 13Page - ON Semiconductor NCV8445 Datasheet HTML 14Page - ON Semiconductor NCV8445 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCV8445
www.onsemi.com
11
TYPICAL CHARACTERISTICS CURVES
10
100
1000
10
100
L (mH)
Figure 29. Single−Pulse Maximum Switch−off
Current vs. Load Inductance
25
°C
150
°C
ISO 7637−2: 2004(E) PULSE TEST RESULTS
ISO 7637−2:2004(E)
Test Levels
Delays and
Test Pulse
I
II
III
IV
Impedance
1
−25 V
−50 V
−75 V
−100 V
2 ms, 10
W
2a
+25 V
+50 V
+37 V
+50 V
0.05 ms, 10
W
3a
−25 V
−50 V
−112 V
−150 V
0.1
ms, 50 W
3b
+25 V
+50 V
+75 V
+100 V
0.1
ms, 50 W
4
−4 V
−5 V
−6 V
−7 V
5 s, .01
W
5 (Load Dump)
+26.5 V
+46.5 V
+66.5 V
+86.5 V
400 ms, 2
W
ISO 7637−2:2004(E)
Test Results
Test Pulse
I
II
III
IV
1
C
C
C
C
2a
C
C
C
C
3a
C
C
C
C
3b
C
C
C
C
4
C
C
C
C
5 (Load Dump)
C
E
E
E
Class
Functional Status
A
All functions of a device perform as designed during and after exposure to disturbance.
B
All functions of a device perform as designed during exposure. However,one or more of
them can go beyond specified tolerance. All functions return automatically to within normal
limits after exposure is removed. Memory functions shall remain class A.
C
One or more functions of a device do not perform as designed during exposure but return
automatically to normal operation after exposure is removed.
D
One or more functions of a device do not perform as designed during exposure and do not return to normal operation until
exposure is removed and the device is reset by simple
E
One or more functions of a device do not perform as designed during and after exposure and cannot be returned to proper
operation without replacing the device.


Similar Part No. - NCV8445

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
NCV8445DR2G ONSEMI-NCV8445DR2G Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
More results

Similar Description - NCV8445

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
NCV8452 ONSEMI-NCV8452 Datasheet
117Kb / 13P
   Self Protected High Side Driver
August, 2016 ??Rev. 4
NCV8450 ONSEMI-NCV8450_15 Datasheet
88Kb / 9P
   Self-Protected High Side Driver
October, 2015 ??Rev. 5
NCV8460A ONSEMI-NCV8460A_16 Datasheet
119Kb / 16P
   Self Protected High Side Driver
March, 2016 ??Rev. 6
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com