Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7113VGE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L7113VGE
Description  T-1 3/4 GREEN LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L7113VGE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L7113VGE Datasheet HTML 1Page - List of Unclassifed Manufacturers L7113VGE Datasheet HTML 2Page - List of Unclassifed Manufacturers L7113VGE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPEC NO: CDA0761
REV NO: V.1
DATE: NOV/17/2001
PAGE: 1 OF 3
APPROVED: J.LU
CHECKED:
DRAWN: S.H.CHEN
L7113VGC/E GREEN
T-1 3/4 (5mm) GREEN LAMP
Features
!
ULTRA BRIGHTNESS.
!
BOTH DIFFUSED AND WATER CLEAR LENS ARE
AVAILABLE.
!
OUTSTANDING MATERIAL EFFICIENCY.
!
RELIABLE AND RUGGED.
!
IC COMPATIBLE/LOW CURRENT CAPABILITY.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Description
The Green source color devices are made with InGaN
on SiC Light Emitting Diode.


Similar Part No. - L7113VGE

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L7113SEC-H KINGBRIGHT-L7113SEC-H Datasheet
60Kb / 3P
   T-1 3/4 (5mm) LED LAMP
More results

Similar Description - L7113VGE

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7113TGC-Z KINGBRIGHT-WP7113TGC-Z Datasheet
261Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
WP7113VGC-Z KINGBRIGHT-WP7113VGC-Z Datasheet
263Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
WP1513GC KINGBRIGHT-WP1513GC Datasheet
116Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP GREEN
WP1513GT KINGBRIGHT-WP1513GT Datasheet
116Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP GREEN
WP7083VGD-Z KINGBRIGHT-WP7083VGD-Z Datasheet
250Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
WP1503GT KINGBRIGHT-WP1503GT Datasheet
259Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
WP7113CGCK KINGBRIGHT-WP7113CGCK Datasheet
256Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
WP7113VGC-A KINGBRIGHT-WP7113VGC-A Datasheet
411Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Green
logo
CML Microcircuits
329204 CMLMICRO-329204 Datasheet
23Kb / 1P
   T-1 3/4 Bi-Lin Lamp
logo
Kingbright Corporation
L-7113SYC KINGBRIGHT-L-7113SYC Datasheet
85Kb / 3P
   T-1 3/4 (5MM) LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com