Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XI1443QGABLT Datasheet(PDF) 11 Page - Texas Instruments

Part # XI1443QGABLT
Description  Single Chip 76- to 81-GHz mmWave Sensor
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XI1443QGABLT Datasheet(HTML) 11 Page - Texas Instruments

Back Button XI1443QGABLT Datasheet HTML 7Page - Texas Instruments XI1443QGABLT Datasheet HTML 8Page - Texas Instruments XI1443QGABLT Datasheet HTML 9Page - Texas Instruments XI1443QGABLT Datasheet HTML 10Page - Texas Instruments XI1443QGABLT Datasheet HTML 11Page - Texas Instruments XI1443QGABLT Datasheet HTML 12Page - Texas Instruments XI1443QGABLT Datasheet HTML 13Page - Texas Instruments XI1443QGABLT Datasheet HTML 14Page - Texas Instruments XI1443QGABLT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
11
IWR1443
www.ti.com
SWRS211 – MAY 2017
Submit Documentation Feedback
Product Folder Links: IWR1443
Terminal Configuration and Functions
Copyright © 2017, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
PIN NUMBER
PIN
TYPE
DESCRIPTION
Reference
oscillator
CLKP
E14
I
CLKP is the Input and CLKM is the Output to drive crystal
CLKM
F14
O
Reference clock
OSC_CLKOUT
A14
O
Reference clock output from clocking subsystem after cleanup
PLL. Can be used by slave chip in multichip cascading
Band-gap voltage
VBGAP
B10
O
Power supply
VDDIN
F13,N11,P15,
R6
POW
1.2-V digital power supply
VIN_SRAM
R14
POW
1.2-V power rail for internal SRAM
VNWA
P14
POW
1.2-V power rail for SRAM array back bias
VIOIN
R13
POW
I/O supply (3.3-V or 1.8-V): All CMOS I/Os would operate on
this supply.
VIOIN_18
K13
POW
1.8-V supply for CMOS IO
VIN_18CLK
B11
POW
1.8-V supply for clock module
VIOIN_18DIFF
D13
POW
1.8-V supply for CSI2 port
Reserved
G13
POW
No connect
VIN_13RF1
G5,J5,H5
POW
1.3-V Analog and RF supply,VIN_13RF1 and VIN_13RF2
could be shorted on the board
VIN_13RF2
C2,D2
POW
VIN_18BB
K5,F5
POW
1.8-V Analog baseband power supply
VIN_18VCO
B12
POW
1.8-V RF VCO supply
VSS
E5,E6,E8,E10,
E11,F9,F11,G
6,G7,G8,G10,
H7,H9,H11,J6,
J7,J8,J10,K7,K
8,K9,K10,K11,
L5,L6,L8,L10,
R15
GND
Digital ground
VSSA
A1,A3,A5,A7,A
9,A15,B3,B5,B
7,B9,B13,B14,
C1,C3,C4,C5,
C6,C7,C8,C9,
C15,E1,E2,E3,
E13,E15,F3,G
1,G2,G3,H3,J1
,J2,J3,K3,L1,L
2,L3,
M3,N1,N2,N3,
R1
GND
Analog ground
Internal LDO
output/inputs
VOUT_14APLL1
A10
O
VOUT_14SYNTH
A13
O
VOUT_PA
A2,B2
O
External clock out
PMIC_CLK_OUT
P13
O
Dithered clock input to PMIC
MCU_CLK_OUT
N9
O
Programmable clock given out to external MCU or the
processor
General-purpose
I/Os
GPIO[0]
N4
IO
General-purpose IO
GPIO[1]
N7
IO
General-purpose IO
GPIO[2]
N13
IO
General-purpose IO


Similar Part No. - XI1443QGABLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XI1443QGABL TI1-XI1443QGABL Datasheet
971Kb / 76P
[Old version datasheet]   Single-Chip 76- to 81-GHz mmWave Sensor
More results

Similar Description - XI1443QGABLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
IWR1642 TI1-IWR1642_18 Datasheet
920Kb / 83P
[Old version datasheet]   Single-Chip 76- to 81-GHz mmWave Sensor
IWR1642 TI1-IWR1642 Datasheet
908Kb / 77P
[Old version datasheet]   Single-Chip 76- to 81-GHz mmWave Sensor
IWR1443_1811 TI1-IWR1443_1811 Datasheet
971Kb / 76P
[Old version datasheet]   Single-Chip 76- to 81-GHz mmWave Sensor
IWR1443 TI1-IWR1443_18 Datasheet
822Kb / 71P
[Old version datasheet]   Single-Chip 76- to 81-GHz mmWave Sensor
IWR1843 TI1-IWR1843 Datasheet
2Mb / 83P
[Old version datasheet]   IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
IWR1843 TI-IWR1843_V01 Datasheet
2Mb / 83P
[Old version datasheet]   IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
SEPTEMBER 2019
IWRL1432 TI1-IWRL1432 Datasheet
1Mb / 68P
[Old version datasheet]   IWRL1432 Single-Chip 76- to 81-GHz Industrial Radar Sensor
JULY 2023
AWRL1432 TI1-AWRL1432 Datasheet
1Mb / 67P
[Old version datasheet]   AWRL1432 Single-Chip 76- to 81-GHz Automotive Radar Sensor
JULY 2023
IWR2243 TI1-IWR2243 Datasheet
3Mb / 63P
[Old version datasheet]   IWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
OCTOBER 2021
AWR2243 TI-AWR2243_V01 Datasheet
3Mb / 62P
[Old version datasheet]   AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com