Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR23630 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMR23630
Description  SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMR23630_17 Datasheet HTML 7Page - Texas Instruments LMR23630_17 Datasheet HTML 8Page - Texas Instruments LMR23630_17 Datasheet HTML 9Page - Texas Instruments LMR23630_17 Datasheet HTML 10Page - Texas Instruments LMR23630_17 Datasheet HTML 11Page - Texas Instruments LMR23630_17 Datasheet HTML 12Page - Texas Instruments LMR23630_17 Datasheet HTML 13Page - Texas Instruments LMR23630_17 Datasheet HTML 14Page - Texas Instruments LMR23630_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
EA
REF
EN/SYNC
SW
BOOT
VCC
Internal
SS
OV/UV
Detector
Oscillator
Precision
Enable
LDO
PFM
Detector
Slope
Comp
PWM CONTROL LOGIC
UVLO
TSD
Freq
Foldback
Zero
Cross
HICCUP
Detector
VIN
Rc
Cc
PGND
FB
LS I Sense
HS I Sense
FB
VCC
Enable
SYNC
Detector
SYNC Signal
SYNC Signal
AGND
11
LMR23630
www.ti.com
SNVSAH2B – DECEMBER 2015 – REVISED APRIL 2017
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Fixed Frequency Peak Current Mode Control
The following operating description of the LMR23630 will refer to the Functional Block Diagram and to the
waveforms in Figure 13. LMR23630 is a step-down synchronous buck regulator with integrated high-side (HS)
and low-side (LS) switches (synchronous rectifier). The LMR23630 supplies a regulated output voltage by turning
on the HS and LS NMOS switches with controlled duty cycle. During high-side switch ON time, the SW pin
voltage swings up to approximately VIN, and the inductor current iL increase with linear slope (VIN – VOUT) / L.
When the HS switch is turned off by the control logic, the LS switch is turned on after an anti-shoot-through dead
time. Inductor current discharges through the LS switch with a slope of –VOUT / L. The control parameter of a
buck converter is defined as Duty Cycle D = tON / TSW, where tON is the high-side switch ON time and TSW is the
switching period. The regulator control loop maintains a constant output voltage by adjusting the duty cycle D. In
an ideal buck converter, where losses are ignored, D is proportional to the output voltage and inversely
proportional to the input voltage: D = VOUT / VIN.


Similar Part No. - LMR23630_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630ADDA TI1-LMR23630ADDA Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results

Similar Description - LMR23630_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com