Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR23625CDDA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23625CDDA
Description  SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23625CDDA Datasheet(HTML) 2 Page - Texas Instruments

  LMR23625CDDA Datasheet HTML 1Page - Texas Instruments LMR23625CDDA Datasheet HTML 2Page - Texas Instruments LMR23625CDDA Datasheet HTML 3Page - Texas Instruments LMR23625CDDA Datasheet HTML 4Page - Texas Instruments LMR23625CDDA Datasheet HTML 5Page - Texas Instruments LMR23625CDDA Datasheet HTML 6Page - Texas Instruments LMR23625CDDA Datasheet HTML 7Page - Texas Instruments LMR23625CDDA Datasheet HTML 8Page - Texas Instruments LMR23625CDDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
LMR23625
SNVSAH3B – DECEMBER 2015 – REVISED APRIL 2017
www.ti.com
Product Folder Links: LMR23625
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ...................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Timing Requirements ................................................ 6
6.7
Switching Characteristics .......................................... 7
6.8
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 11
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 17
8
Application and Implementation ........................ 18
8.1
Application Information............................................ 18
8.2
Typical Applications ................................................ 18
9
Power Supply Recommendations ...................... 24
10
Layout................................................................... 24
10.1
Layout Guidelines ................................................. 24
10.2
Compact Layout for EMI Reduction ...................... 24
10.3
Ground Plane and Thermal Considerations.......... 25
10.4
Feedback Resistors .............................................. 25
10.5
Layout Example .................................................... 26
11
Device and Documentation Support ................. 27
11.1
Custom Design With WEBENCH® Tools ............. 27
11.2
Receiving Notification of Documentation Updates 27
11.3
Community Resources.......................................... 27
11.4
Trademarks ........................................................... 27
11.5
Electrostatic Discharge Caution ............................ 27
11.6
Glossary ................................................................ 27
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
Changes from Revision A (July 2016) to Revision B
Page
Changed high side current limit to 6.2 from 6.0 ..................................................................................................................... 5
Changed low side current limit to 4.2 from 4.6....................................................................................................................... 5
Changed all the four efficiency graphs D001, D002, D003 and D004 in the Typical Characteristics section ....................... 8
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (December 2015) to Revision A
Page
Changed from Product Preview to Production Data and added all the remaining sections................................................... 1


Similar Part No. - LMR23625CDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625CDDA TI1-LMR23625CDDA Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625CDDAR TI1-LMR23625CDDAR Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
More results

Similar Description - LMR23625CDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_16 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com