Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR23630AFDDA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23630AFDDA
Description  SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630AFDDA Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMR23630AFDDA Datasheet HTML 6Page - Texas Instruments LMR23630AFDDA Datasheet HTML 7Page - Texas Instruments LMR23630AFDDA Datasheet HTML 8Page - Texas Instruments LMR23630AFDDA Datasheet HTML 9Page - Texas Instruments LMR23630AFDDA Datasheet HTML 10Page - Texas Instruments LMR23630AFDDA Datasheet HTML 11Page - Texas Instruments LMR23630AFDDA Datasheet HTML 12Page - Texas Instruments LMR23630AFDDA Datasheet HTML 13Page - Texas Instruments LMR23630AFDDA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
LMR23630
SNVSAH2B – DECEMBER 2015 – REVISED APRIL 2017
www.ti.com
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMR23630 SIMPLE SWITCHER® regulator is an easy to use synchronous step-down DC-DC converter
operating from 4.5 V to 36 V supply voltage. It is capable of delivering up to 3 A DC load current with good
thermal performance in a small solution size. An extended family is available in multiple current options from 1 A
to 3 A in pin-to-pin compatible packages.
The LMR23630 employs fixed frequency peak current mode control. The device enters PFM mode at light load to
achieve high efficiency. A user selectable FPWM option is provided to achieve low output voltage ripple, tight
output voltage regulation, and constant switching frequency. The device is internally compensated, which
reduces design time, and requires few external components. The LMR23630 is capable of synchronization to an
external clock within the range of 200 kHz to 2.2 MHz.
Additional features such as precision enable and internal soft-start provide a flexible and easy to use solution for
a wide range of applications. Protection features include thermal shutdown, VIN and VCC under-voltage lockout,
cycle-by-cycle current limit, and hiccup mode short-circuit protection.
The family requires very few external components and has a pin-out designed for simple, optimum PCB layout.


Similar Part No. - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDA TI1-LMR23630AFDDA Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630AFDDAR TI1-LMR23630AFDDAR Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results

Similar Description - LMR23630AFDDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com