Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT84DCK-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMT84DCK-Q1
Description  1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT84DCK-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMT84DCK-Q1 Datasheet HTML 7Page - Texas Instruments LMT84DCK-Q1 Datasheet HTML 8Page - Texas Instruments LMT84DCK-Q1 Datasheet HTML 9Page - Texas Instruments LMT84DCK-Q1 Datasheet HTML 10Page - Texas Instruments LMT84DCK-Q1 Datasheet HTML 11Page - Texas Instruments LMT84DCK-Q1 Datasheet HTML 12Page - Texas Instruments LMT84DCK-Q1 Datasheet HTML 13Page - Texas Instruments LMT84DCK-Q1 Datasheet HTML 14Page - Texas Instruments LMT84DCK-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
J
A
JA
DD S
DD
O
L
T = T +
(V I ) + (V
- V ) I
T
ª
º
¬
¼
(-5.50 mV /
oC) u
V =
T + 1035 mV
(-5.50 mV /
oC) u
V - 925 mV =
(T - 20
oC)
760 mV - 925 mV
50
oC - 20oC
u
¹
·
V - 925 mV =
(T - 20
oC)
LMT84, LMT84-Q1
www.ti.com
SNIS167C – MARCH 2013 – REVISED OCTOBER 2015
For example, if we want to resolve this equation, over a temperature range of 20°C to 50°C, we would proceed
as follows:
(4)
(5)
(6)
Using this method of linear approximation, the transfer function can be approximated for one or more
temperature ranges of interest.
8.4 Device Functional Modes
8.4.1 Mounting and Thermal Conductivity
The LMT84/LMT84-Q1 can be applied easily in the same way as other integrated-circuit temperature sensors. It
can be glued or cemented to a surface.
To ensure good thermal conductivity, the backside of the LMT84/LMT84-Q1 die is directly attached to the GND
pin. The temperatures of the lands and traces to the other leads of the LMT84/LMT84-Q1 will also affect the
temperature reading.
Alternatively, the LMT84/LMT84-Q1 can be mounted inside a sealed-end metal tube, and can then be dipped
into a bath or screwed into a threaded hole in a tank. As with any IC, the LMT84/LMT84-Q1 and accompanying
wiring and circuits must be kept insulated and dry, to avoid leakage and corrosion. This is especially true if the
circuit may operate at cold temperatures where condensation can occur. If moisture creates a short circuit from
the output to ground or VDD, the output from the LMT84/LMT84-Q1 will not be correct. Printed-circuit coatings are
often used to ensure that moisture cannot corrode the leads or circuit traces.
The thermal resistance junction to ambient (RθJA or θJA) is the parameter used to calculate the rise of a device
junction temperature due to its power dissipation. The equation used to calculate the rise in the LMT84/LMT84-
Q1's die temperature is:
(7)
where TA is the ambient temperature, IS is the supply current, ILis the load current on the output, and VO is the
output voltage. For example, in an application where TA = 30°C, VDD = 5 V, IS = 5.4 μA, VOUT = 871 mV, and IL =
2
μA, the junction temperature would be 30.015°C, showing a self-heating error of only 0.015°C. Since the
LMT84/LMT84-Q1's junction temperature is the actual temperature being measured, care should be taken to
minimize the load current that the LMT84/LMT84-Q1 is required to drive. Thermal Information(1) shows the
thermal resistance of the LMT84/LMT84-Q1.
8.4.2 Output Noise Considerations
A push-pull output gives the LMT84/LMT84-Q1 the ability to sink and source significant current. This is beneficial
when, for example, driving dynamic loads like an input stage on an analog-to-digital converter (ADC). In these
applications the source current is required to quickly charge the input capacitor of the ADC. The LMT84/LMT84-
Q1 is ideal for this and other applications which require strong source or sink current.
The LMT84/LMT84-Q1 supply-noise gain (the ratio of the AC signal on VOUT to the AC signal on VDD) was
measured during bench tests. Its typical attenuation is shown in Figure 8 found in the Typical Characteristics
section. A load capacitor on the output can help to filter noise.
For operation in very noisy environments, some bypass capacitance should be present on the supply within
approximately 5 centimeters of the LMT84/LMT84-Q1.
8.4.3 Capacitive Loads
The LMT84/LMT84-Q1 handles capacitive loading well. In an extremely noisy environment, or when driving a
switched sampling input on an ADC, it may be necessary to add some filtering to minimize noise coupling.
Without any precautions, the LMT84/LMT84-Q1 can drive a capacitive load less than or equal to 1100 pF as
shown in Figure 10. For capacitive loads greater than 1100 pF, a series resistor may be required on the output,
as shown in Figure 11.
(1)
For information on self-heating and thermal response time see section Mounting and Thermal Conductivity.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMT84 LMT84-Q1


Similar Part No. - LMT84DCK-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT84DCKT TI-LMT84DCKT Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKT TI-LMT84DCKT Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT84DCK-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com