Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2192QDGKRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192QDGKRQ1
Description  36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2192QDGKRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2192QDGKRQ1 Datasheet HTML 6Page - Texas Instruments OPA2192QDGKRQ1 Datasheet HTML 7Page - Texas Instruments OPA2192QDGKRQ1 Datasheet HTML 8Page - Texas Instruments OPA2192QDGKRQ1 Datasheet HTML 9Page - Texas Instruments OPA2192QDGKRQ1 Datasheet HTML 10Page - Texas Instruments OPA2192QDGKRQ1 Datasheet HTML 11Page - Texas Instruments OPA2192QDGKRQ1 Datasheet HTML 12Page - Texas Instruments OPA2192QDGKRQ1 Datasheet HTML 13Page - Texas Instruments OPA2192QDGKRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
OPA192-Q1, OPA2192-Q1, OPA4192-Q1
SBOS850 – MAY 2017
www.ti.com
Product Folder Links: OPA192-Q1 OPA2192-Q1 OPA4192-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: VS = ±2.25 V to ±4 V (VS = 4.5 V to 8 V) (continued)
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
For a detailed description of thermal protection, see Thermal Protection .
FREQUENCY RESPONSE
GBW
Unity gain bandwidth
10
MHz
SR
Slew rate
G = 1, 10-V step
20
V/µs
ts
Settling time
To 0.01%
VS = ±3 V, G = 1, 5-V step
1
µs
tOR
Overload recovery time
VIN× G = VS
200
ns
Crosstalk
OPA2192-Q1 and OPA4192-Q1, at dc
150
dB
OPA2192-Q1 and OPA4192-Q1, f = 100 kHz
130
OUTPUT
VO
Voltage output swing from
rail
Positive rail
No load
5
15
mV
RLOAD = 10 kΩ
95
110
RLOAD = 2 kΩ
430
500
Negative rail
No load
5
15
RLOAD = 10 kΩ
95
110
RLOAD = 2 kΩ
430
500
ISC
Short-circuit current
±65
mA
CLOAD
Capacitive load drive
See Typical Characteristics
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A; see Figure 31
375
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
1
1.2
mA
TA = –40°C to 125°C
1.5
TEMPERATURE
Thermal protection(1)
140
°C


Similar Part No. - OPA2192QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA2192 TI-OPA2192 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192ID TI1-OPA2192ID Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA2192IDGKR TI1-OPA2192IDGKR Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
OPA2192IDGKT TI1-OPA2192IDGKT Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
More results

Similar Description - OPA2192QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
OPA4192 TI-OPA4192_15 Datasheet
2Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim?
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA191 TI1-OPA191_V01 Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com