Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT84QDCKTQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMT84QDCKTQ1
Description  1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT84QDCKTQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMT84QDCKTQ1 Datasheet HTML 2Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 3Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 4Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 5Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 6Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 7Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 8Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 9Page - Texas Instruments LMT84QDCKTQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LMT84, LMT84-Q1
SNIS167C – MARCH 2013 – REVISED OCTOBER 2015
www.ti.com
7.7 Electrical Characteristics
Unless otherwise noted, these specifications apply for VDD = +1.5V to +5.5V. MIN and MAX limits apply for TA = TJ = TMIN to
TMAX ; typical values apply for TA = TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX (1)
UNITS
Sensor Gain
–5.5
mV/°C
Source
≤ 50 μA, (VDD - VOUT) ≥ 200 mV
-1
–0.22
mV
Load Regulation (3)
Sink
≤ 50 μA, VOUT ≥ 200 mV
0.26
1
mV
Line Regulation (4)
200
μV/V
TA = 30°C to 150°C, (VDD - VOUT) ≥ 100 mV
5.4
8.1
μA
IS
Supply Current
TA = -50°C to 150°C, (VDD - VOUT) ≥ 100 mV
5.4
9
μA
CL
Output Load Capacitance
1100
pF
Power-on Time (5)
CL= 0 pF to 1100 pF
0.7
1.9
ms
Output drive
±50
µA
(1)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(3)
Source currents are flowing out of the LMT84/LMT84-Q1. Sink currents are flowing into the LMT84/LMT84-Q1.
(4)
Line regulation (DC) is calculated by subtracting the output voltage at the highest supply voltage from the output voltage at the lowest
supply voltage. The typical DC line regulation specification does not include the output voltage shift discussed in Output Voltage Shift.
(5)
Specified by design and characterization.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LMT84 LMT84-Q1


Similar Part No. - LMT84QDCKTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84QDCKTQ1 TI-LMT84QDCKTQ1 Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84QDCKTQ1 TI-LMT84QDCKTQ1 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT84QDCKTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84DCKR TI-LMT84DCKR Datasheet
946Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84 Datasheet
978Kb / 16P
[Old version datasheet]   LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com