Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDP9N50 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDP9N50
Description  N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP9N50 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDP9N50 Datasheet HTML 1Page - MagnaChip Semiconductor. MDP9N50 Datasheet HTML 2Page - MagnaChip Semiconductor. MDP9N50 Datasheet HTML 3Page - MagnaChip Semiconductor. MDP9N50 Datasheet HTML 4Page - MagnaChip Semiconductor. MDP9N50 Datasheet HTML 5Page - MagnaChip Semiconductor. MDP9N50 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dec 2009. Version 1.1
MagnaChip Semiconductor Ltd
.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDP9N50TH
-55~150
oC
TO-220
Tube
Halogen Free
Electrical Characteristics (Ta =25
oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
500
-
-
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
3.0
-
5.0
V
Drain Cut-Off Current
IDSS
VDS = 500V, VGS = 0V
-
-
1
µA
Gate Leakage Current
IGSS
VGS = ±30V, VDS = 0V
-
-
100
nA
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 4.5A
0.72
0.85
Forward Transconductance
gfs
VDS = 30V, ID = 4.5A
-
7
-
S
Dynamic Characteristics
Total Gate Charge
Qg
-
19
Gate-Source Charge
Qgs
-
5.7
Gate-Drain Charge
Qgd
VDS = 400V, ID = 9.0A, VGS = 10V
(3)
-
7.6
nC
Input Capacitance
Ciss
-
780
Reverse Transfer Capacitance
Crss
-
4.0
Output Capacitance
Coss
VDS = 25V, VGS = 0V, f = 1.0MHz
-
100
pF
Turn-On
Delay Time
td(on)
-
18
Rise Time
tr
-
34
Turn-Off Delay Time
td(off)
-
38
Fall Time
tf
VGS = 10V, VDS = 250V, ID = 9.0A,
RG = 25
(3)
-
27
ns
Drain-Source Body Diode Characteristics
Maximum Continuous Drain to Source
Diode Forward Current
IS
-
9.0
-
A
Source-Drain Diode Forward
Voltage
VSD
IS = 9.0A, VGS = 0V
-
1.4
V
Body Diode Reverse Recovery
Time
trr
-
272
ns
Body Diode Reverse Recovery
Charge
Qrr
IF = 9.0A, dl/dt = 100A/µs
(3)
-
2.0
µC
Note :
1. Pulse width is based on R θJC & R θJA and the maximum allowed junction temperature of 150°C.
2. Pulse test: pulse width ≤300us, duty cycle≤2%, pulse width limited by junction temperature TJ(MAX)=150°C.
3.
ISD ≤9.0A, di/dt≤200A/us, VDD=50V, Rg =25 , Starting TJ=25°C
4. L=6.7mH,
IAS=9.0A, VDD=50V, , Rg =25 , Starting TJ=25°C


Similar Part No. - MDP9N50

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP9N50BTH MGCHIP-MDP9N50BTH Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
logo
Inchange Semiconductor ...
MDP9N50BTH ISC-MDP9N50BTH Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MDP9N50F MGCHIP-MDP9N50F Datasheet
950Kb / 6P
   N-Channel MOSFET 500V, 8.0 A, 0.97ohm
logo
Inchange Semiconductor ...
MDP9N50TH ISC-MDP9N50TH Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDP9N50

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF9N50 MGCHIP-MDF9N50 Datasheet
771Kb / 6P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
logo
Fairchild Semiconductor
FDP10N50F FAIRCHILD-FDP10N50F Datasheet
415Kb / 9P
   N-Channel MOSFET 500V, 9A, 0.85廓
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
UF840 UTC-UF840_11 Datasheet
432Kb / 8P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
   N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
TRANSYS Electronics Lim...
IRF840 TEL-IRF840 Datasheet
152Kb / 1P
   Power MOSFET ( VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A )
logo
MagnaChip Semiconductor...
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
   N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP16N50G MGCHIP-MDP16N50G Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com