Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDP9N50B Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDP9N50B
Description  N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP9N50B Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDP9N50B Datasheet HTML 1Page - MagnaChip Semiconductor. MDP9N50B Datasheet HTML 2Page - MagnaChip Semiconductor. MDP9N50B Datasheet HTML 3Page - MagnaChip Semiconductor. MDP9N50B Datasheet HTML 4Page - MagnaChip Semiconductor. MDP9N50B Datasheet HTML 5Page - MagnaChip Semiconductor. MDP9N50B Datasheet HTML 6Page - MagnaChip Semiconductor. MDP9N50B Datasheet HTML 7Page - MagnaChip Semiconductor. MDP9N50B Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dec 2011. Version 1.0
MagnaChip Semiconductor Ltd
.
3
Fig.5 Transfer Characteristics
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Fig.4 Breakdown Voltage Variation vs.
Temperature
Fig.6 Body Diode Forward Voltage
Variation with Source Current and
Temperature
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D
= 250㎂
T
J, Junction Temperature [
oC]
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
0.6
0.8
1.0
1.2
1.4
1.6
V
GS
=10V
V
GS
=20V
I
D
,Drain Current [A]
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS
= 10 V
2. I
D
= 4.5A
T
J
, Junction Temperature [
oC]
0
5
10
15
20
25
0
4
8
12
16
20
Notes
1. 250㎲
㎲ Pulse Test
2. T
C
=25℃
V
gs
=5.0V
=5.5V
=6.0V
=6.5V
=7.0V
=8.0V
=10.0V
=15.0V
V
DS
,Drain-Source Voltage [V]
3
4
5
6
7
0.1
1
10
-55℃
25℃
150℃
* Notes ;
1. Vds=30V
V
GS
[V]
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
25℃
150℃
Notes :
1. V
GS
= 0 V
2.250µs Pulse test
V
SD
, Source-Drain Voltage [V]


Similar Part No. - MDP9N50B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDP9N50BTH ISC-MDP9N50BTH Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDP9N50B

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF9N50 MGCHIP-MDF9N50 Datasheet
771Kb / 6P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP9N50 MGCHIP-MDP9N50 Datasheet
776Kb / 6P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
logo
Fairchild Semiconductor
FDP10N50F FAIRCHILD-FDP10N50F Datasheet
415Kb / 9P
   N-Channel MOSFET 500V, 9A, 0.85廓
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
UF840 UTC-UF840_11 Datasheet
432Kb / 8P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
   N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
TRANSYS Electronics Lim...
IRF840 TEL-IRF840 Datasheet
152Kb / 1P
   Power MOSFET ( VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A )
logo
MagnaChip Semiconductor...
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
   N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP16N50G MGCHIP-MDP16N50G Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com