Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

723653L15 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 723653L15
Description  CMOS SyncFIFOTM WITH BUS-MATCHING
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

723653L15 Datasheet(HTML) 2 Page - Integrated Device Technology

  723653L15 Datasheet HTML 1Page - Integrated Device Technology 723653L15 Datasheet HTML 2Page - Integrated Device Technology 723653L15 Datasheet HTML 3Page - Integrated Device Technology 723653L15 Datasheet HTML 4Page - Integrated Device Technology 723653L15 Datasheet HTML 5Page - Integrated Device Technology 723653L15 Datasheet HTML 6Page - Integrated Device Technology 723653L15 Datasheet HTML 7Page - Integrated Device Technology 723653L15 Datasheet HTML 8Page - Integrated Device Technology 723653L15 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT723653/723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
These devices are synchronous (clocked) FIFOs, meaning each port
employs a synchronous interface. All data transfers through a port are gated
to the LOW-to-HIGH transition of a port clock by enable signals. The clocks for
each port are independent of one another and can be asynchronous or
coincident. The enables for each port are arranged to provide a simple
bidirectional interface between microprocessors and/or buses with synchro-
nous control.
DESCRIPTION
The IDT723653/723663/723673 is a monolithic, high-speed, low-power,
CMOS unidirectional Synchronous (clocked) FIFO memory which supports
clock frequencies up to 83 MHz and has read access times as fast as 8ns. The
2,048/4,096/8,192 x 36 dual-port SRAM FIFO buffers data from Port A to Port
B. FIFO data on Port B can output in 36-bit, 18-bit, or 9-bit formats with a choice
of Big- or Little-Endian configurations.
PIN CONFIGURATION
TQFP (PK128-1, order code: PF)
TOP VIEW
W/RA
CLKB
5610 drw02
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
ENA
CLKA
GND
A35
A34
A33
A32
Vcc
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
BE/FWFT
GND
A22
Vcc
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
Vcc
A12
GND
A11
A10
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
102
101
Vcc
Vcc
B35
B34
B33
B32
RTM
GND
B31
B30
B29
B28
B27
B26
Vcc
B25
B24
BM
GND
B23
B22
B21
B20
B19
B18
GND
B17
B16
Vcc
B15
B14
B13
B12
GND
B11
B10
INDEX
SIZE


Similar Part No. - 723653L15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
723651L15PFG IDT-723651L15PFG Datasheet
347Kb / 20P
   CMOS SyncFIFO
logo
Renesas Technology Corp
723651L15PFG RENESAS-723651L15PFG Datasheet
528Kb / 21P
   CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
logo
Integrated Device Techn...
723651L15PFG8 IDT-723651L15PFG8 Datasheet
347Kb / 20P
   CMOS SyncFIFO
logo
Renesas Technology Corp
723651L15PFG8 RENESAS-723651L15PFG8 Datasheet
528Kb / 21P
   CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
logo
Integrated Device Techn...
723652L12PFG IDT-723652L12PFG Datasheet
232Kb / 29P
   CMOS SyncBiFIFOTM
More results

Similar Description - 723653L15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723663 RENESAS-IDT723663 Datasheet
370Kb / 30P
   CMOS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2018
logo
Integrated Device Techn...
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
IDT72V36106 IDT-IDT72V36106 Datasheet
395Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT723624 IDT-IDT723624_13 Datasheet
525Kb / 35P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com