Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5P90005C Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT5P90005C
Description  Serial Real-Time Clock
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5P90005C Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT5P90005C Datasheet HTML 1Page - Integrated Device Technology IDT5P90005C Datasheet HTML 2Page - Integrated Device Technology IDT5P90005C Datasheet HTML 3Page - Integrated Device Technology IDT5P90005C Datasheet HTML 4Page - Integrated Device Technology IDT5P90005C Datasheet HTML 5Page - Integrated Device Technology IDT5P90005C Datasheet HTML 6Page - Integrated Device Technology IDT5P90005C Datasheet HTML 7Page - Integrated Device Technology IDT5P90005C Datasheet HTML 8Page - Integrated Device Technology IDT5P90005C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
REVISION C 07/03/14
3
SERIAL REAL-TIME CLOCK
IDT5P90005C DATASHEET
Device Operation
The IDT5P90005C clock operates as a slave device on the
serial bus. Access is obtained by implementing a start
condition followed by the correct slave address (D0h). The 8
bytes contained in the device can then be accessed
sequentially in the following order:
1st byte: seconds register
2nd byte: minutes register
3rd byte: century/hours register
4th byte: day register
5th byte: date register
6th byte: month register
7th byte: years register
8th byte: control register
The IDT5P90005C clock continually monitors VCC for an
out-of-tolerance condition. Should VCC fall below VSO, the
device terminates an access in progress and resets the device
address counter. Inputs to the device will not be recognized at
this time, to prevent erroneous data from being written to the
device from an out-of-tolerance system. When VCC falls
below VSO, the device automatically switches over to the
battery and powers down into an ultra low current mode of
operation to conserve battery life. Upon power-up, the device
switches from battery to VCC at VSO and recognizes inputs.


Similar Part No. - IDT5P90005C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
More results

Similar Description - IDT5P90005C

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
   Serial real-time clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
   SERIAL REAL-TIME CLOCK
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
   SERIAL REAL-TIME CLOCK
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com