Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDP13N50BTH Datasheet(PDF) 7 Page - MagnaChip Semiconductor.

Part # MDP13N50BTH
Description  N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP13N50BTH Datasheet(HTML) 7 Page - MagnaChip Semiconductor.

  MDP13N50BTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDP13N50BTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Dec 2011. Version 1.0
MagnaChip Semiconductor Ltd
.
7
Physical Dimension
3 Leads, TO-220F
Dimensions are in millimeters unless otherwise specified
Symbol
Min
Nom
Max
A
4.50
4.93
b
0.63
0.91
b1
1.15
1.47
C
0.33
0.63
D
15.47
16.13
E
9.60
10.71
e
2.54
F
2.34
2.84
G
6.48
6.90
L
12.24
13.72
L1
2.79
3.67
Q
2.52
2.96
Q1
3.10
3.50
¢R
3.00
3.55


Similar Part No. - MDP13N50BTH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDP13N50BTH ISC-MDP13N50BTH Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDP13N50BTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF13N50 MGCHIP-MDF13N50 Datasheet
837Kb / 6P
   N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
MDP13N50G MGCHIP-MDP13N50G Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDP13N50 MGCHIP-MDP13N50 Datasheet
851Kb / 6P
   N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDFS13N50G MGCHIP-MDFS13N50G Datasheet
1Mb / 6P
   N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
   N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP16N50G MGCHIP-MDP16N50G Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
MDP18N50 MGCHIP-MDP18N50 Datasheet
1Mb / 6P
   N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
MDP18N50B MGCHIP-MDP18N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com