Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF13N50GTH Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDF13N50GTH
Description  N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF13N50GTH Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDF13N50GTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF13N50GTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF13N50GTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF13N50GTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF13N50GTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF13N50GTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDF13N50GTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDF13N50GTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dec. 2014. Version 1.6
MagnaChip Semiconductor Ltd.
4
Fig.7 Gate Charge Characteristics
Fig.8 Capacitance Characteristics
Fig.9 Maximum Safe Operating Area
MDP13N50G(TO-220)
Fig.11 Transient Thermal Response Curve
MDP13N50G(TO-220)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Z
θ JC* Rθ JC(t) + TC
R
Θ JC=0.67/W
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
400V
250V
100V
Note : I
D = 13.0A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10 s
100 s
100 ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J=Max rated
T
C=25
V
DS, Drain-Source Voltage [V]
0.1
1
10
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
Fig.10 Maximum Safe Operating Area
MDF13N50G(TO-220F)
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10 s
100 s
100 ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J=Max rated
T
C=25
V
DS, Drain-Source Voltage [V]
Fig.12 Transient Thermal Response Curve
MDF13N50G(TO-220F)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Z
θ JC* Rθ JC(t) + TC
R
Θ JC=3.0/W
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]


Similar Part No. - MDF13N50GTH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF13N50GTH ISC-MDF13N50GTH Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDF13N50GTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDFS13N50G MGCHIP-MDFS13N50G Datasheet
1Mb / 6P
   N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDP13N50 MGCHIP-MDP13N50 Datasheet
851Kb / 6P
   N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDP13N50B MGCHIP-MDP13N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
MDF13N50 MGCHIP-MDF13N50 Datasheet
837Kb / 6P
   N-Channel MOSFET 500V, 13.0 A, 0.5(ohm)
MMF50R280P MGCHIP-MMF50R280P Datasheet
1Mb / 10P
   500V 0.28(ohm) N-channel MOSFET
MMD50R380P MGCHIP-MMD50R380P Datasheet
1Mb / 10P
   500V 0.38(ohm) N-channel MOSFET
MDP12N50B MGCHIP-MDP12N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
MDQ16N50G MGCHIP-MDQ16N50G Datasheet
871Kb / 6P
   N-Channel MOSFET 500V, 16.5A, 0.35(ohm)
MDQ23N50D MGCHIP-MDQ23N50D Datasheet
842Kb / 6P
   N-Channel MOSFET 500V, 23.0A, 0.245(ohm)
MDQ18N50G MGCHIP-MDQ18N50G Datasheet
975Kb / 6P
   N-Channel MOSFET 500V, 20.0A, 0.27(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com