Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC3564BT Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC3564BT
Description  64K (8192-word8-bit) SRAM with OE, CE1, and CE2 Control Pins
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564BT Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC3564BT Datasheet HTML 1Page - Sanyo Semicon Device LC3564BT Datasheet HTML 2Page - Sanyo Semicon Device LC3564BT Datasheet HTML 3Page - Sanyo Semicon Device LC3564BT Datasheet HTML 4Page - Sanyo Semicon Device LC3564BT Datasheet HTML 5Page - Sanyo Semicon Device LC3564BT Datasheet HTML 6Page - Sanyo Semicon Device LC3564BT Datasheet HTML 7Page - Sanyo Semicon Device LC3564BT Datasheet HTML 8Page - Sanyo Semicon Device LC3564BT Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Overview
The LC3564B, LC3564BS, LC3564BM, and LC3564BT
are 8192-word
× 8-bit asynchronous silicon gate CMOS
SRAMs. These are full CMOS type SRAMs that adopt a
six-transistor memory cell and feature fast access times,
low operating power dissipation, and an ultralow standby
current. These SRAMs provide three control signal inputs:
an OE input for high-speed memory access, and two chip
enable lines, CE1 and CE2, for low power mode and
device selection. These means that these SRAMs area
ideal for systems that require low power and battery
backup, and that they support easy memory expansion.
The ultralow standby current that is a feature of these
SRAMs allows them to be used with capacitor backup as
well. Since these SRAMs support 3-V operation, they are
also appropriate for use in portable battery operated
systems.
Features
• Supply voltage range:
2.7 to 5.5 V
— In 5-V operation mode: 5.0 V ±10%
— In 3-V operation mode: 3.0 V ±10%
• Address access time (tAA)
— In 5-V operation mode:
LC3564B, BS, BM, and BT-70: 70 ns (max)
LC3564B, BS, BM, and BT-10: 100 ns (max)
— In 3-V operation mode:
LC3564B, BS, BM, and BT-70: 200 ns (max)
LC3564B, BS, BM, and BT-10: 500 ns (max)
• Ultralow standby current
— In 5-V operation mode: 1.0 µA (Ta
≤ 70°C),
3.0 µA (Ta
≤ 85°C)
— In 3-V operation mode: 0.8 µA (Ta
≤ 70°C),
2.5 µA (Ta
≤ 85°C)
• Operating temperature range
— In 5-V operation mode: –40 to 85°C
— In 3-V operation mode: –40 to 85°C
• Data retention supply voltage: 2.0 to 5.5 V
• All input and output levels:
— In 5-V operation mode: TTL compatible levels
— In 3-V operation mode: VCC –0.2 V/0.2 V
• Three control inputs: OE, CE1, and CE2
• Shared input and output pins, three-state outputs
• No clock required
• Packages
28-pin DIP (600 mil) plastic package: LC3564B
28-pin DIP (300 mil) plastic package: LC3564BS
28-pin SOP (450 mil) plastic package: LC3564BM
28-pin TSOP (8
× 13.4 mm) plastic package: LC3564BT
Package Dimensions
unit: mm
3012A-DIP28 (600 mil)
unit: mm
3133-DIP28 (300 mil)
CMOS IC
53098HA (OT) No. 5804-1/9
SANYO: DIP28 (600 mil)
[LC3564B]
SANYO: DIP28 (300 mil)
[LC3564BS]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
64K (8192-word
× 8-bit) SRAM with OE, CE1, and CE2
Control Pins
LC3564B, BS, BM, BT-70/10
Ordering number : EN5804A


Similar Part No. - LC3564BT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564CM SANYO-LC3564CM Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CM-55U SANYO-LC3564CM-55U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CM-70U SANYO-LC3564CM-70U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CT SANYO-LC3564CT Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CT-55U SANYO-LC3564CT-55U Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

Similar Description - LC3564BT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564CM SANYO-LC3564CM Datasheet
71Kb / 11P
   64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com