Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDP15N60GTH Datasheet(PDF) 7 Page - MagnaChip Semiconductor.

Part # MDP15N60GTH
Description  N-Channel MOSFET 600V, 15A, 0.40(ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP15N60GTH Datasheet(HTML) 7 Page - MagnaChip Semiconductor.

  MDP15N60GTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP15N60GTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP15N60GTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP15N60GTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP15N60GTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP15N60GTH Datasheet HTML 6Page - MagnaChip Semiconductor. MDP15N60GTH Datasheet HTML 7Page - MagnaChip Semiconductor. MDP15N60GTH Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Jun. 2011 Version 1.1
MagnaChip Semiconductor Ltd.
7
Physical Dimensions
3 Leads, TO-220F
Dimensions are in millimeters unless otherwise specified
Symbol
Min
Nom
Max
A
4.50
4.93
b
0.63
0.91
b1
1.15
1.47
C
0.33
0.63
D
15.47
16.13
E
9.60
10.71
e
2.54
F
2.34
2.84
G
6.48
6.90
L
12.24
13.72
L1
2.79
3.67
Q
2.52
2.96
Q1
3.10
3.50
¢R
3.00
3.55


Similar Part No. - MDP15N60GTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP15N60GTH MGCHIP-MDP15N60GTH Datasheet
1Mb / 8P
   N-Channel MOSFET 600V, 15A, 0.40(ohm)
logo
Inchange Semiconductor ...
MDP15N60GTH ISC-MDP15N60GTH Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDP15N60GTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP15N60G MGCHIP-MDP15N60G Datasheet
1Mb / 8P
   N-Channel MOSFET 600V, 15A, 0.40(ohm)
logo
Unisonic Technologies
15N60 UTC-15N60_12 Datasheet
185Kb / 6P
   15A, 600V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MMFT60R290P MGCHIP-MMFT60R290P Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMFT60R290PC MGCHIP-MMFT60R290PC Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMQ60R070P MGCHIP-MMQ60R070P Datasheet
1Mb / 10P
   600V 0.07(ohm) N-channel MOSFET
MMD60R360Q MGCHIP-MMD60R360Q Datasheet
1Mb / 10P
   600V 0.36(ohm) N-channel MOSFET
MMD60R900P MGCHIP-MMD60R900P Datasheet
1Mb / 10P
   600V 0.9(ohm) N-channel MOSFET
MMD60R580PB MGCHIP-MMD60R580PB Datasheet
1Mb / 10P
   600V 0.58(ohm) N-channel MOSFET
MMFT60R380P MGCHIP-MMFT60R380P Datasheet
1Mb / 10P
   600V 0.38(ohm) N-channel MOSFET
MMP60R380PC MGCHIP-MMP60R380PC Datasheet
1Mb / 10P
   600V 0.38(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com