Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDP16N50G Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MDP16N50G
Description  N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP16N50G Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MDP16N50G Datasheet HTML 1Page - MagnaChip Semiconductor. MDP16N50G Datasheet HTML 2Page - MagnaChip Semiconductor. MDP16N50G Datasheet HTML 3Page - MagnaChip Semiconductor. MDP16N50G Datasheet HTML 4Page - MagnaChip Semiconductor. MDP16N50G Datasheet HTML 5Page - MagnaChip Semiconductor. MDP16N50G Datasheet HTML 6Page - MagnaChip Semiconductor. MDP16N50G Datasheet HTML 7Page - MagnaChip Semiconductor. MDP16N50G Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dec. 2014. Version 1.1
MagnaChip Semiconductor Ltd.
5
Fig.11 Transient Thermal Response Curve
MDF16N50G ( TO-220F)
Fig.13 Maximum Safe Operating Area
MDF16N50G (TO-220F)
Fig.12 Single Pulse Maximum Power
Dissipation MDF16N50G (TO-220F)
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
1 s
10 s
100 s
100 ms
DC
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J=Max rated
T
C=25
V
DS, Drain-Source Voltage [V]
1E-5
1E-4
1E-3
0.01
0.1
1
0
3000
6000
9000
12000
15000
single Pulse
R
thJC = 2.53
/W
T
C = 25
Pulse Width (s)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
Notes :
Duty Factor, D=t
1/t2
PEAK T
J = PDM * Z
θ JC* Rθ JC(t) + TC
R
Θ JC=2.53/W
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Rectangular Pulse Duration [sec]


Similar Part No. - MDP16N50G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDP16N50GTH ISC-MDP16N50GTH Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDP16N50G

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDQ16N50G MGCHIP-MDQ16N50G Datasheet
871Kb / 6P
   N-Channel MOSFET 500V, 16.5A, 0.35(ohm)
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
   N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
MDP18N50 MGCHIP-MDP18N50 Datasheet
1Mb / 6P
   N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
MDP18N50B MGCHIP-MDP18N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
MDF3N50 MGCHIP-MDF3N50 Datasheet
769Kb / 6P
   N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDD3N50G MGCHIP-MDD3N50G Datasheet
1Mb / 6P
   N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDF12N50 MGCHIP-MDF12N50 Datasheet
779Kb / 8P
   N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com