Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDP1932TH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDP1932TH
Description  Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP1932TH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDP1932TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP1932TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP1932TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP1932TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP1932TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP1932TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Aug. 2014. Version 1.1
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDP1932TH
-55~150
oC
TO-220
Tube
Halogen Free
Electrical Characteristics (TJ =25
oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250μA, VGS = 0V
80
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250μA
2.0
-
4.0
Drain Cut-Off Current
IDSS
VDS = 64V, VGS = 0V
-
-
1.0
μA
Gate Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±0.1
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 50A
-
3.0
3.4
m
Forward Transconductance
gfs
VDS = 10V, ID = 50A
-
90
-
S
Dynamic Characteristics
Total Gate Charge
Qg
VDS = 40V, ID = 50A,
VGS = 10V
-
105
-
nC
Gate-Source Charge
Qgs
-
30
-
Gate-Drain Charge
Qgd
-
22
-
Input Capacitance
Ciss
VDS = 40V, VGS = 0V,
f = 1.0MHz
-
7,200
-
pF
Reverse Transfer Capacitance
Crss
-
50
-
Output Capacitance
Coss
-
1,550
-
Turn-On Delay Time
td(on)
VGS = 10V, VDS = 40V,
ID = 50A , RG = 3.0Ω
-
31
-
ns
Rise Time
tr
-
65
-
Turn-Off Delay Time
td(off)
-
48
-
Fall Time
tf
-
30
-
Gate Resistance
Rg
f=1 MHz
-
3.0
-
Ω
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = 50A, VGS = 0V
-
0.9
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 50A, dl/dt = 100A/μs
-
73
ns
Body Diode Reverse Recovery Charge
Qrr
-
161
nC
Note :
1. Surface mounted FR-4 board by JEDEC (jesd51-7). Continuous current at TC=25℃ is silicon limited
2. EAS is tested at starting Tj = 25℃, L = 1.0mH, IAS = 25.0A, VGS = 10V.


Similar Part No. - MDP1932TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP1930 MGCHIP-MDP1930 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 80V, 120A, 2.5m(ohm)
MDP1930TH MGCHIP-MDP1930TH Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 80V, 120A, 2.5m(ohm)
MDP1933 MGCHIP-MDP1933 Datasheet
987Kb / 6P
   Single N-channel Trench MOSFET 80V, 105A, 7.0m(ohm)
MDP1933TH MGCHIP-MDP1933TH Datasheet
987Kb / 6P
   Single N-channel Trench MOSFET 80V, 105A, 7.0m(ohm)
logo
Inchange Semiconductor ...
MDP1933TH ISC-MDP1933TH Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDP1932TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDE1932 MGCHIP-MDE1932 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDP1930 MGCHIP-MDP1930 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 80V, 120A, 2.5m(ohm)
MDU1512 MGCHIP-MDU1512 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 100.0A, 3.4m(ohm)
MDP1921 MGCHIP-MDP1921 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 4.5m(ohm)
MDE1991 MGCHIP-MDE1991 Datasheet
1,008Kb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 4.4m(ohm)
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
   Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
MDE10N026RH MGCHIP-MDE10N026RH Datasheet
900Kb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 2.6m(ohm)
MDE10N050 MGCHIP-MDE10N050 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 100V, 120A, 5.0m(ohm)
MDP15N075 MGCHIP-MDP15N075 Datasheet
862Kb / 6P
   Single N-channel Trench MOSFET 150V, 120A, 7.5m(ohm)
MDP1723 MGCHIP-MDP1723 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 40V, 120A, 2.3m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com