Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS1526URH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDS1526URH
Description  Single N-channel Trench MOSFET 30V, 16.1A, 11.0m(ohm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDS1526URH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDS1526URH Datasheet HTML 1Page - MagnaChip Semiconductor. MDS1526URH Datasheet HTML 2Page - MagnaChip Semiconductor. MDS1526URH Datasheet HTML 3Page - MagnaChip Semiconductor. MDS1526URH Datasheet HTML 4Page - MagnaChip Semiconductor. MDS1526URH Datasheet HTML 5Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
June. 2011. Version1.2
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(1)
TC=25
oC
ID
16.1
A
TC=70
oC
12.8
TA=25
oC
11.3
(3)
TA=70
oC
9.1
(3)
Pulsed Drain Current
IDM
40
A
Power Dissipation
TC=25
oC
PD
5.0
W
TC=70
oC
3.2
TA=25
oC
2.5
(3)
TA=70
oC
1.6
(3)
Single Pulse Avalanche Energy
(2)
EAS
38
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
50
oC/W
Thermal Resistance, Junction-to-Case
RθJC
24.6
MDS1526
Single N-channel Trench MOSFET 30V, 16.1A, 11.0m
Features
VDS = 30V
ID = 16.1A @VGS = 10V
RDS(ON)
< 11.0m
@VGS = 10V
< 16.4m
@VGS = 4.5V
100% UIL Tested
100% Rg Tested
General Description
The MDS1526 uses advanced MagnaChip’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance and excellent
quality.
MDS1526 is suitable for DC/DC converter and
general purpose applications.
D
G
S
1(S)
2(S)
3(S)
4(G)
8(D)
7(D)
6(D)
5(D)


Similar Part No. - MDS1526URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1521 MGCHIP-MDS1521 Datasheet
682Kb / 5P
   Single N-channel Trench MOSFET 30V, 28.2A, 4.0m(ohm)
MDS1521URH MGCHIP-MDS1521URH Datasheet
682Kb / 5P
   Single N-channel Trench MOSFET 30V, 28.2A, 4.0m(ohm)
logo
VBsemi Electronics Co.,...
MDS1521URH VBSEMI-MDS1521URH Datasheet
1,006Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
MagnaChip Semiconductor...
MDS1524 MGCHIP-MDS1524 Datasheet
667Kb / 5P
   Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
MDS1524URH MGCHIP-MDS1524URH Datasheet
667Kb / 5P
   Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
More results

Similar Description - MDS1526URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU06N110 MGCHIP-MDU06N110 Datasheet
973Kb / 6P
   Single N-channel Trench MOSFET 60V, 52A, 11.0m(ohm)
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
   Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS1524 MGCHIP-MDS1524 Datasheet
667Kb / 5P
   Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
MDV1595S MGCHIP-MDV1595S Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 36.1A, 10.7m(ohm)
MDS1652 MGCHIP-MDS1652 Datasheet
705Kb / 6P
   Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
MDU1512 MGCHIP-MDU1512 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 100.0A, 3.4m(ohm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com