Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4960 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4960
Description  Piezoelectric Speaker Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4960 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4960 Datasheet HTML 3Page - National Semiconductor (TI) LM4960 Datasheet HTML 4Page - National Semiconductor (TI) LM4960 Datasheet HTML 5Page - National Semiconductor (TI) LM4960 Datasheet HTML 6Page - National Semiconductor (TI) LM4960 Datasheet HTML 7Page - National Semiconductor (TI) LM4960 Datasheet HTML 8Page - National Semiconductor (TI) LM4960 Datasheet HTML 9Page - National Semiconductor (TI) LM4960 Datasheet HTML 10Page - National Semiconductor (TI) LM4960 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Performance Characteristics (Continued)
Power Dissipation vs Output Voltage
V
DD = 3V, from top to bottom:
V
1 = 15V, V1 = 12V, V1 = 9.6V
Power Dissipation vs Output Voltage
V
DD = 5V, from top to bottom:
V
1 = 15V, V1 = 12V, V1 = 9.6V
20076509
20076510
Supply Current vs Supply Voltage
from top to bottom:
V
DD = 15V, VDD = 12V, VDD = 9.6V
Power Supply Rejection Ratio
V
DD =3V
20076513
20076511
Power Supply Rejection Ratio
V
DD =5V
20076512
www.national.com
7


Similar Part No. - LM4960

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4960 TI1-LM4960 Datasheet
783Kb / 20P
[Old version datasheet]   Piezoelectric Speaker Driver
LM4960SQ/NOPB TI1-LM4960SQ/NOPB Datasheet
783Kb / 20P
[Old version datasheet]   Piezoelectric Speaker Driver
More results

Similar Description - LM4960

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4960 TI1-LM4960 Datasheet
783Kb / 20P
[Old version datasheet]   Piezoelectric Speaker Driver
logo
Rohm
BU64562GWZ ROHM-BU64562GWZ Datasheet
721Kb / 24P
   Piezoelectric Actuator Driver
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
RE46C100 MICROCHIP-RE46C100_14 Datasheet
631Kb / 18P
   Piezoelectric Horn Driver Circuit
03/25/14
logo
Sanyo Semicon Device
LV8071LP SANYO-LV8071LP Datasheet
71Kb / 6P
   Piezoelectric Actuator Driver IC
logo
Texas Instruments
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com