Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1030CT Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # MBR1030CT
Description  High Tjm Low IRRM Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

MBR1030CT Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  MBR1030CT Datasheet HTML 1Page - Sirectifier Semiconductors MBR1030CT Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR1030CT thru MBR1045CT
High Tjm Low IRRM Schottky Barrier Diodes
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
25
50
75
100
125
150
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
4
0
50
16
175
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0.001
0.1
1.0
100
10
60
80
100
TJ = 125 C
0.01
TJ = 25 C
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
12
0
8
RESISTIVE OR
INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.3
0.7
0.8
1.0
10
100
0.4
0.5
0.6
0.1
1.0
0.9
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
0.1
1.0
10
100
0.1
PULSE WIDTH 300us
2% Duty cycle
TJ = 25 C
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
1000
100
10
0.1
CASE TEMPERATURE , C
0
4
MBR1030CT ~ MBR1045CT
MBR1050CT ~ MBR1060CT
TJ = 25 C, f= 1MHz
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - MBR1030CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1030CT DIODES-MBR1030CT Datasheet
64Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Kersemi Electronic Co.,...
MBR1030CT KERSEMI-MBR1030CT Datasheet
1Mb / 2P
   Metal of siliconrectifier, majonty carrier conducton
logo
Dongguan City Niuhang E...
MBR1030CT NIUHANG-MBR1030CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
logo
Micro Commercial Compon...
MBR1030CT MCC-MBR1030CT Datasheet
647Kb / 2P
   10 Am p Schott ky Barrier Rectifier 30-60 Volts
logo
Kersemi Electronic Co.,...
MBR1030CT KERSEMI-MBR1030CT Datasheet
1Mb / 2P
   Metal of siliconrectifier, majonty carrier conducton
More results

Similar Description - MBR1030CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR2530CT SIRECTIFIER-MBR2530CT_16 Datasheet
92Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR3050CT SIRECTIFIER-MBR3050CT_16 Datasheet
93Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR870L SIRECTIFIER-MBR870L_16 Datasheet
89Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR60100PT SIRECTIFIER-MBR60100PT Datasheet
136Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR10150CT SIRECTIFIER-MBR10150CT_16 Datasheet
166Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR1670CT SIRECTIFIER-MBR1670CT_16 Datasheet
91Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR850 SIRECTIFIER-MBR850_16 Datasheet
90Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR40100PT SIRECTIFIER-MBR40100PT_16 Datasheet
200Kb / 3P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR20150CT SIRECTIFIER-MBR20150CT_16 Datasheet
179Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
MBR1070 SIRECTIFIER-MBR1070_16 Datasheet
112Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com