Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C316096C Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C316096C
Description  Fully static operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C316096C Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS7C316096C Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C316096C Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AS7C316096C
Rev. 1.0
2048K X 8 BIT HIGH SPEED CMOS SRAM
Confidential
6
Rev 1.0 / May 2014
TIMING WAVEFORMS
READ CYCLE 1 (Address Controlled) (1,2)
Dout
Data Valid
tOH
tAA
Address
tRC
Previous Data Valid
READ CYCLE 2 (CE# and OE# Controlled) (1,3,4,5)
Dout
Data Valid
tOH
OE#
tACE
CE#
tAA
Address
tRC
High-Z
High-Z
tCLZ
tOLZ
tOE
tCHZ
tOHZ
Notes :
1.WE# is high for read cycle.
2.Device is continuously selected OE# = low, CE# = low.
3.Address must be valid prior to or coincident with CE# = low,; otherwise tAA is the limiting parameter.
4.tCLZ, tOLZ, tCHZ and tOHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.
5.At any given temperature and voltage condition, tCHZ is less than tCLZ , tOHZ is less than tOLZ.


Similar Part No. - AS7C316096C

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C316096A ALSC-AS7C316096A Datasheet
368Kb / 11P
   Fully static operation
AS7C316096B ALSC-AS7C316096B Datasheet
823Kb / 12P
   Fully static operation
AS7C316096B-10BIN ALSC-AS7C316096B-10BIN Datasheet
823Kb / 12P
   Fully static operation
AS7C316096B-10TIN ALSC-AS7C316096B-10TIN Datasheet
823Kb / 12P
   Fully static operation
More results

Similar Description - AS7C316096C

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C8016 ALSC-AS6C8016 Datasheet
738Kb / 12P
   Fully static operation
AS7C316096A ALSC-AS7C316096A Datasheet
368Kb / 11P
   Fully static operation
AS6C1608 ALSC-AS6C1608 Datasheet
1Mb / 13P
   Fully static operation
AS7C38096A ALSC-AS7C38096A Datasheet
395Kb / 11P
   Fully static operation
AS7C34098A-8TIN ALSC-AS7C34098A-8TIN Datasheet
710Kb / 14P
   fully static operation
AS6C2016 ALSC-AS6C2016 Datasheet
525Kb / 13P
   Fully static operation
AS6C4016 ALSC-AS6C4016 Datasheet
631Kb / 12P
   Fully static operation
AS7C34096A-8TIN ALSC-AS7C34096A-8TIN Datasheet
681Kb / 11P
   Fully static operation
AS7C316098A ALSC-AS7C316098A Datasheet
463Kb / 13P
   Fully static operation
AS7C316098B ALSC-AS7C316098B Datasheet
915Kb / 12P
   Fully static operation
AS6C2008A ALSC-AS6C2008A Datasheet
1Mb / 15P
   Fully static operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com