Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6B273 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A6B273
Description  8-Bit Latched, DMOS Power Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6B273 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A6B273 Datasheet HTML 3Page - Allegro MicroSystems A6B273 Datasheet HTML 4Page - Allegro MicroSystems A6B273 Datasheet HTML 5Page - Allegro MicroSystems A6B273 Datasheet HTML 6Page - Allegro MicroSystems A6B273 Datasheet HTML 7Page - Allegro MicroSystems A6B273 Datasheet HTML 8Page - Allegro MicroSystems A6B273 Datasheet HTML 9Page - Allegro MicroSystems A6B273 Datasheet HTML 10Page - Allegro MicroSystems A6B273 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
6B273
8-BIT LATCHED
DMOS POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
POWER
INTERFACE DRIVERS
Function
Output Ratings*
Part Number†
SERIAL-INPUT LATCHED DRIVERS
8-Bit (saturated drivers)
-120 mA
50 V‡
5895
8-Bit
350 mA
50 V
5821
8-Bit
350 mA
80 V
5822
8-Bit
350 mA
50 V‡
5841
8-Bit
350 mA
80 V‡
5842
8-Bit (constant-current LED driver)
75 mA
17 V
6275
8-Bit (constant-current LED driver)
120 mA
24 V
6277
8-Bit (DMOS drivers)
250 mA
50 V
6595
8-Bit (DMOS drivers)
350 mA
50 V‡
6A595
8-Bit (DMOS drivers)
100 mA
50 V
6B595
10-Bit (active pull-downs)
-25 mA
60 V
5810-F and 6810
12-Bit (active pull-downs)
-25 mA
60 V
5811
16-Bit (constant-current LED driver)
75 mA
17 V
6276
20-Bit (active pull-downs)
-25 mA
60 V
5812-F and 6812
32-Bit (active pull-downs)
-25 mA
60 V
5818-F and 6818
32-Bit
100 mA
30 V
5833
32-Bit (saturated drivers)
100 mA
40 V
5832
PARALLEL-INPUT LATCHED DRIVERS
4-Bit
350 mA
50 V‡
5800
8-Bit
-25 mA
60 V
5815
8-Bit
350 mA
50 V‡
5801
8-Bit (DMOS drivers)
100 mA
50 V
6B273
8-Bit (DMOS drivers)
250 mA
50 V
6273
SPECIAL-PURPOSE DEVICES
Unipolar Stepper Motor Translator/Driver
1.25 A
50 V‡
5804
Addressable 8-Bit Decoder/DMOS Driver
250 mA
50 V
6259
Addressable 8-Bit Decoder/DMOS Driver
350 mA
50 V‡
6A259
Addressable 8-Bit Decoder/DMOS Driver
100 mA
50 V
6B259
Addressable 28-Line Decoder/Driver
450 mA
30 V
6817
*
Current is maximum specified test condition, voltage is maximum rating. See specification for sustaining voltage limits.
Negative current is defined as coming out of (sourcing) the output.
Complete part number includes additional characters to indicate operating temperature range and package style.
Internal transient-suppression diodes included for inductive-load protection.


Similar Part No. - A6B273

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6B273KA ALLEGRO-A6B273KA Datasheet
129Kb / 12P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
A6B273KLW ALLEGRO-A6B273KLW Datasheet
129Kb / 12P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
A6B273KLW-T ALLEGRO-A6B273KLW-T Datasheet
591Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
A6B273KLWTR-T ALLEGRO-A6B273KLWTR-T Datasheet
591Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
More results

Similar Description - A6B273

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6B273 ALLEGRO-6B273 Datasheet
129Kb / 12P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6273 ALLEGRO-6273 Datasheet
172Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
   8-Bit Latched, DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6A259 ALLEGRO-6A259 Datasheet
205Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
   8-Bit Addressable, DMOS Power Driver
A6259 ALLEGRO-A6259 Datasheet
194Kb / 11P
   8-Bit Addressable DMOS Power Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com