Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1308KUA-1-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1308KUA-1-T
Description  Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low-Profile Surface-Mount Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1308KUA-1-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1308KUA-1-T Datasheet HTML 1Page - Allegro MicroSystems A1308KUA-1-T Datasheet HTML 2Page - Allegro MicroSystems A1308KUA-1-T Datasheet HTML 3Page - Allegro MicroSystems A1308KUA-1-T Datasheet HTML 4Page - Allegro MicroSystems A1308KUA-1-T Datasheet HTML 5Page - Allegro MicroSystems A1308KUA-1-T Datasheet HTML 6Page - Allegro MicroSystems A1308KUA-1-T Datasheet HTML 7Page - Allegro MicroSystems A1308KUA-1-T Datasheet HTML 8Page - Allegro MicroSystems A1308KUA-1-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Linear Hall-Effect Sensor ICs with Analog Output
Available in a Miniature, Low-Profile Surface-Mount Package
A1308 and
A1309
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS: Valid through TA , CBYPASS = 0.1 µF, VCC = 5 V, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit [1]
Continued on the next page…
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
4.5
5.0
5.5
V
Undervoltage Threshold[2]
VUVLOHI
K temp. option tested at TA = 25°C to 125°C
(device powers on); L temp. option tested at TA =
25°C to 150°C (device powers on)
3
V
VUVLOLO
K temp. option tested at TA = 25°C to 125°C
(device powers off); L temp. option tested at TA =
25°C to 150°C (device powers off)
2.5
V
Supply Current
ICC
No load on VOUT
9
11.5
mA
Power-On Time[3][4]
tPO
TA = 25°C, CL(PROBE) = 10 pF
50
µs
VCC Ramp Time[3][4]
tVCC
TA = 25°C
0.005
100
ms
VCC Off Level[3][4]
VCCOFF
TA = 25°C
0
0.55
V
Delay to Clamp[3][4]
tCLP
TA = 25°C, CL = 10 nF
30
µs
Supply Zener Clamp Voltage
VZ
TA = 25°C, ICC = 14.5 mA
6
7.3
V
Internal Bandwidth[3]
BWi
Small signal –3 dB
20
kHz
Chopping Frequency[3][5]
fC
TA = 25°C
400
kHz
OUTPUT CHARACTERISTICS
Output Referred Noise[3][6]
VN
VCC = 5 V, TA = 25°C, CBYPASS = open,
Sens ≥ 1.3 mV/G, no load on VOUT
1.7
G
VCC = 5 V, TA = 25°C, CBYPASS = open,
Sens = 0.5 mV/G, no load on VOUT
2.8
G
Input Referred RMS Noise Density[3]
VNRMS
VCC = 5 V, TA = 25°C, CBYPASS = open,
Sens ≥ 1.3 mV/G, no load on VOUT
1.5
mG/√Hz
VCC = 5 V, TA = 25°C, CBYPASS = open,
Sens = 0.5 mV/G, no load on VOUT
2.5
mG/√Hz
DC Output Resistance[3]
ROUT
3
Ω
Output Load Resistance[3]
RL
VOUT to GND
4.7
Output Load Capacitance[3]
CL
VOUT to GND
10
nF
Output Voltage Clamp[7][8]
VCLPHIGH TA = 25°C, RL = 10 kΩ (VOUT to GND)
4.35
4.5
4.65
V
VCLPLOW TA = 25°C, RL = 10 kΩ (VOUT to VCC)
0.40
0.55
0.70
V
Sensitivity
Sens
A1308LLHLX-05-T
TA = 25°C
0.43
0.5
0.57
mV/G
A1308KUA-1-T
1.17
1.3
1.43
mV/G
A1308LLHLX-1-T
1.17
1.3
1.43
mV/G
A1308LLHLX-2-T
2.4
2.5
2.6
mV/G
A1308KUA-2-T
2.4
2.5
2.6
mV/G
A1308KUA-3-T
3.025
3.125
3.225
mV/G
A1308LLHLX-3-T
3.025
3.125
3.225
mV/G
A1308KUA-5-T
4.85
5
5.15
mV/G
A1308LLHLX-5-T
4.85
5
5.15
mV/G
A1309LLHLX-9-T
8.73
9
9.27
mV/G
A1309KUA-9-T
8.73
9
9.27
mV/G
A1309LLHLX-RP9-T
–9.27
–9
–8.73
mV/G
Quiescent Voltage Output (QVO)
VOUT(Q)
TA = 25°C
2.488
2.5
2.512
V
Sensitivity Temperature Coefficient
TCSens
Programmed at TA = 125°C (K temp. option) or
150°C (L temp. option), calculated relative to
Sens at 25°C
0.08
0.12
0.16
%/°C


Similar Part No. - A1308KUA-1-T

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A1308AG1 DBLECTRO-A1308AG1 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1308AG2 DBLECTRO-A1308AG2 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1308AS1 DBLECTRO-A1308AS1 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1308AS2 DBLECTRO-A1308AS2 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
A1308AT1 DBLECTRO-A1308AT1 Datasheet
238Kb / 1P
   DIP PLUG PITCH:2.54mm
More results

Similar Description - A1308KUA-1-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1318 ALLEGRO-A1318 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low Profile Surface Mount Package
A1304 ALLEGRO-A1304 Datasheet
948Kb / 10P
   Linear Hall-Effect Sensor IC with Analog Output, Available in a Miniature, Low Profile Surface Mount Package
ALS31000 ALLEGRO-ALS31000 Datasheet
748Kb / 10P
   Unidirectional Linear Hall-Effect Sensor IC with Analog Output, in Miniature Low-Profile Surface-Mount Package
A1381 ALLEGRO-A1381 Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com