Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1334LLETR-30-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1334LLETR-30-T
Description  Precision Hall-Effect Angle Sensor IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1334LLETR-30-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1334LLETR-30-T Datasheet HTML 6Page - Allegro MicroSystems A1334LLETR-30-T Datasheet HTML 7Page - Allegro MicroSystems A1334LLETR-30-T Datasheet HTML 8Page - Allegro MicroSystems A1334LLETR-30-T Datasheet HTML 9Page - Allegro MicroSystems A1334LLETR-30-T Datasheet HTML 10Page - Allegro MicroSystems A1334LLETR-30-T Datasheet HTML 11Page - Allegro MicroSystems A1334LLETR-30-T Datasheet HTML 12Page - Allegro MicroSystems A1334LLETR-30-T Datasheet HTML 13Page - Allegro MicroSystems A1334LLETR-30-T Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Precision Hall-Effect Angle Sensor IC
A1334
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
APPLICATION INFORMATION
Figure 2: Orientation of Magnet Relative to Primary Die and Secondary Die
(dual die version used as example)
N
S
Target alignment for default angle setting
•Target rotation axis intersects primary die
• Primary die 40° default point
• Secondary die 220° default point
(Example shows element E1 as primary die
element E2 as secondary die)
Target rotation axis
Target poles aligned with
A1334 elements
E1
Pin 1
E1
E2
E2
S
N
Calculating Target Zero Degree Angle
When shipped from the factory, the default angle value when
orientated as shown in Figure 2, is approximately 40º (220º on
secondary die). In some cases, the end user may want to program
an angle offset in the A1334 to compensate for variation in
magnetic assemblies, or for applications where absolute system-
level readings are required.
The internal algorithm for computing the output angle is as
follows:
AngleOUT = AngleRAW – Reference Angle
(2)
The procedure to zero out the A1334 is quite simple. During final
application calibration and programming, position the magnet
above the A1334 in the required zero-degree position, and read
the angle from the A1334 using the SPI interface (AngleOUT).
From this angle, the Reference Angle required to program the
A1334 can be computed as follows:
Reference Angle = AngleOUT
(3)
Bypass Pin Usage
The Bypass pin is required for proper device operation and is
intended to bypass internal IC nodes of the A1334. A 0.1 µF
capacitor must be placed in very close proximity to the Bypass
pin. It is not intended to be used to source external components.
To assist with PCB layout, please see the Operating Characteris-
tics table for output voltage and current requirements.
Changing Sampling Modes
The A1334 features a High RPM sampling mode, and a Low
RPM sampling mode. The default power-on state of the A1334
is loaded from EEPROM. To configure the A1334 to Low RPM
mode, set the Operating mode to Low RPM mode by writing a
logic 1 to bit 2 (RPM) of the configuration commands (CTRL)
register, via the SPI interface.


Similar Part No. - A1334LLETR-30-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1330 ALLEGRO-A1330 Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-DD-T ALLEGRO-A1330LLETR-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-DD-T ALLEGRO-A1330LLETR-P-DD-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-P-T ALLEGRO-A1330LLETR-P-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
A1330LLETR-T ALLEGRO-A1330LLETR-T Datasheet
3Mb / 40P
   Programmable Angle Sensor IC with Analog and PWM Output
More results

Similar Description - A1334LLETR-30-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
A1332 ALLEGRO-A1332 Datasheet
979Kb / 20P
   Precision Hall Effect Angle Sensor IC with I2C Interface
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com