Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1309LLHLX-RP9-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1309LLHLX-RP9-T
Description  Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low-Profile Surface-Mount Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1309LLHLX-RP9-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1309LLHLX-RP9-T Datasheet HTML 4Page - Allegro MicroSystems A1309LLHLX-RP9-T Datasheet HTML 5Page - Allegro MicroSystems A1309LLHLX-RP9-T Datasheet HTML 6Page - Allegro MicroSystems A1309LLHLX-RP9-T Datasheet HTML 7Page - Allegro MicroSystems A1309LLHLX-RP9-T Datasheet HTML 8Page - Allegro MicroSystems A1309LLHLX-RP9-T Datasheet HTML 9Page - Allegro MicroSystems A1309LLHLX-RP9-T Datasheet HTML 10Page - Allegro MicroSystems A1309LLHLX-RP9-T Datasheet HTML 11Page - Allegro MicroSystems A1309LLHLX-RP9-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Linear Hall-Effect Sensor ICs with Analog Output
Available in a Miniature, Low-Profile Surface-Mount Package
A1308 and
A1309
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Undervoltage Lockout. The A1308 and A1309 provide an
undervoltage lockout feature which ensures that the device out-
puts a VOUT signal only when VCC is above certain thresholds.
The undervoltage lockout feature provides a hysteresis of opera-
tion to eliminate indeterminate output states.
The output of the A1308 and A1309 is held low (GND) until
VCC exceeds VUVLOHI. After VCC exceeds VUVLOHI, the device
VOUT output is enabled, providing a ratiometric output voltage
that is proportional to the input magnetic signal and VCC. If VCC
should drop back down below VUVLOLO for longer than tUVLO
after the device is powered up, the output would be pulled low
(see Figure 3) until VUVLOHI is reached again and VOUT would
be reenabled.
VCC Ramp Time. The time taken for VCC to ramp from 0 V to
VCC(typ), 5 V (see Figure 4).
VCC Off Level. For applications in which the VCC pin of the
A1308 or A1309 is being power-cycled (for example using a
multiplexer to toggle the part on and off), the specification of
VCC Off Level, VCCOFF, determines how high a VCC off voltage
can be tolerated while still ensuring proper operation and startup
of the device (see Figure 4).
Figure 3: Definition of Undervoltage Lockout
VOUT
tUVLO
VCC
VUVLOHI
VUVLOLO
time
time
VCC(typ)
VCCOFF
0
tVCC
Figure 4: Definition of VCC Ramp Time, tVCC


Similar Part No. - A1309LLHLX-RP9-T

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
A1300-40-3X BARRY-A1300-40-3X Datasheet
142Kb / 1P
   BeO 13 dB FLANGED ATTENUATOR
Revision Date 10/22/08
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301 Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301 Datasheet
239Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1301ELHLT ALLEGRO-A1301ELHLT Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
More results

Similar Description - A1309LLHLX-RP9-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1318 ALLEGRO-A1318 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low Profile Surface Mount Package
A1304 ALLEGRO-A1304 Datasheet
948Kb / 10P
   Linear Hall-Effect Sensor IC with Analog Output, Available in a Miniature, Low Profile Surface Mount Package
ALS31000 ALLEGRO-ALS31000 Datasheet
748Kb / 10P
   Unidirectional Linear Hall-Effect Sensor IC with Analog Output, in Miniature Low-Profile Surface-Mount Package
A1381 ALLEGRO-A1381 Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com