Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3260 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3260
Description  Internal Current Regulator for 2-Wire Operation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3260 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3260 Datasheet HTML 1Page - Allegro MicroSystems A3260 Datasheet HTML 2Page - Allegro MicroSystems A3260 Datasheet HTML 3Page - Allegro MicroSystems A3260 Datasheet HTML 4Page - Allegro MicroSystems A3260 Datasheet HTML 5Page - Allegro MicroSystems A3260 Datasheet HTML 6Page - Allegro MicroSystems A3260 Datasheet HTML 7Page - Allegro MicroSystems A3260 Datasheet HTML 8Page - Allegro MicroSystems A3260 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3260
2-WIRE, CHOPPER-STABILIZED,
PRECISION HALL-EFFECT
BIPOLAR SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
ELEMENT LOCATIONS
Package Designator “LH”
Package Designators “UA”
Although element location is accurate to three sigma for a
particular design, product improvements may result in small
changes to element location.
0.038"
0.96 mm
1
2
Dwg. MH-025
0.011"
0.28 mm
NOM
ACTIVE AREA DEPTH
0.059"
1.49 mm
A
3
1
3
2
Dwg. MH-011-9B
0.0195"
0.50 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.080"
2.04 mm
0.056"
1.44 mm
A
Allegro
600
400
200
20
60
100
140
0
AMBIENT TEMPERATURE in °C
Dwg. GH-046-2D
R JA = 165°C/W
0
8
1
0
2
1
0
8
0
4
700
500
300
100
160
800
R JA = 228°C/W


Similar Part No. - A3260

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3260ELHLT ALLEGRO-A3260ELHLT Datasheet
228Kb / 10P
   2-Wire Chopper Stabilized Precision Hall Effect Bipolar Switch
April 27, 2007
A3260EUA ALLEGRO-A3260EUA Datasheet
228Kb / 10P
   2-Wire Chopper Stabilized Precision Hall Effect Bipolar Switch
April 27, 2007
A3260LH ALLEGRO-A3260LH Datasheet
187Kb / 12P
   2-WIRE, CHOPPER-STABILIZED, PRECISION HALL-EFFECT BIPOLAR SWITCH
June 30, 2000
A3260LT ALLEGRO-A3260LT Datasheet
187Kb / 12P
   2-WIRE, CHOPPER-STABILIZED, PRECISION HALL-EFFECT BIPOLAR SWITCH
June 30, 2000
A3260UA ALLEGRO-A3260UA Datasheet
187Kb / 12P
   2-WIRE, CHOPPER-STABILIZED, PRECISION HALL-EFFECT BIPOLAR SWITCH
June 30, 2000
More results

Similar Description - A3260

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S35710 SII-S35710 Datasheet
1Mb / 33P
   FOR AUTOMOTIVE 125C OPERATION 2-WIRE
logo
STMicroelectronics
STEVAL-ILD003V2 STMICROELECTRONICS-STEVAL-ILD003V2 Datasheet
120Kb / 4P
   Operation for 2-wire wall dimmer
logo
Alliance Semiconductor ...
1GB-DDR3L-AS4C128M8D3L ALSC-1GB-DDR3L-AS4C128M8D3L Datasheet
3Mb / 88P
   internal banks for concurrent operation
logo
Seiko Instruments Inc
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
logo
Integrated Silicon Solu...
IS43LR32400G ISSI-IS43LR32400G Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43LD16160A ISSI-IS43LD16160A Datasheet
6Mb / 143P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
AS4C32M16MD1 ALSC-AS4C32M16MD1 Datasheet
4Mb / 75P
   Four internal banks for concurrent operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com