Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3423ELTR-T Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A3423ELTR-T
Description  Dual Channel Hall Effect Direction Detection Sensor IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3423ELTR-T Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A3423ELTR-T Datasheet HTML 2Page - Allegro MicroSystems A3423ELTR-T Datasheet HTML 3Page - Allegro MicroSystems A3423ELTR-T Datasheet HTML 4Page - Allegro MicroSystems A3423ELTR-T Datasheet HTML 5Page - Allegro MicroSystems A3423ELTR-T Datasheet HTML 6Page - Allegro MicroSystems A3423ELTR-T Datasheet HTML 7Page - Allegro MicroSystems A3423ELTR-T Datasheet HTML 8Page - Allegro MicroSystems A3423ELTR-T Datasheet HTML 9Page - Allegro MicroSystems A3423ELTR-T Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Dual Channel Hall Effect Direction Detection Sensor IC
A3423
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package L, 8-Pin SOIC
For the latest version of this document, visit our website:
www.allegromicro.com
C
SEATING
PLANE
2
1
8
1.27 BSC
GAUGE PLANE
SEATING PLANE
A Terminal #1 mark area
Active Area Depth 0.40 NOM
B
Reference land pattern layout (reference IPC7351
SOIC127P600X175-8M); all pads a minimum of 0.20 mm from all
adjacent pads; adjust as necessary to meet application process
requirements and PCB layout tolerances
PCB Layout Reference View
B
D
Hall elements (E1 and E2); not to scale
E
C
C
2
E1
E2
1
8
Branding scale and appearance at supplier discretion
C
SEATING
PLANE
0.65
1.27
5.60
1.75
C
0.10
8X
0.25 BSC
1.04 REF
1.75 MAX
For Reference Only; not for tooling use (reference MS-012AA)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
4.90 ±0.10
3.90 ±0.10
1.95
1.09
6.00 ±0.20
0.51
0.31
0.25
0.10
0.25
0.17
1.27
0.40
N = Device part number
= Supplier emblem
Y = Last two digits of year of manufacture
W = Week of manufacture
L = Lot number
NNNNNNN
LLLLL
1
YYWW
A
Standard Branding Reference View
D
E
1.63 E
1.63 E
E
Branded Face
Copyright ©2007-2013, Allegro MicroSystems, LLC
Allegro MicroSystems, LLC reserves the right to make, from time to time, such departures from the detail specifications as may be required to
permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that
the information being relied upon is current.
Allegro’s products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the
failure of that life support device or system, or to affect the safety or effectiveness of that device or system.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, LLC assumes no responsibility for its
use; nor for any infringement of patents or other rights of third parties which may result from its use.


Similar Part No. - A3423ELTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3423ELTR-T ALLEGRO-A3423ELTR-T Datasheet
536Kb / 10P
   Dual Channel Hall Effect Direction Detection Sensor IC
More results

Similar Description - A3423ELTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1233 ALLEGRO-A1233 Datasheet
738Kb / 12P
   Dual-Channel Hall-Effect Direction Detection Sensor IC
A3423ELTR-T ALLEGRO-A3423ELTR-T Datasheet
536Kb / 10P
   Dual Channel Hall Effect Direction Detection Sensor IC
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
   Hall Effect Direction Detection Sensor IC
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
3421 ALLEGRO-3421 Datasheet
160Kb / 12P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
September 6, 2000
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Melexis Microelectronic...
MLX92251LSE-AXA MELEXIS-MLX92251LSE-AXA Datasheet
1Mb / 13P
   Dual Hall Effect Latch with Speed & Direction Detection
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
   Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
   Hall-Effect Sensors with Direction Detection
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com