Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3974SEDTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3974SEDTR-T
Description  DMOS Dual Full-Bridge PWM Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3974SEDTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3974SEDTR-T Datasheet HTML 2Page - Allegro MicroSystems A3974SEDTR-T Datasheet HTML 3Page - Allegro MicroSystems A3974SEDTR-T Datasheet HTML 4Page - Allegro MicroSystems A3974SEDTR-T Datasheet HTML 5Page - Allegro MicroSystems A3974SEDTR-T Datasheet HTML 6Page - Allegro MicroSystems A3974SEDTR-T Datasheet HTML 7Page - Allegro MicroSystems A3974SEDTR-T Datasheet HTML 8Page - Allegro MicroSystems A3974SEDTR-T Datasheet HTML 9Page - Allegro MicroSystems A3974SEDTR-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DMOS Dual Full-Bridge PWM Motor Driver
A3974
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Logic (continued)
Reference Input Current
IREF
VREF = 2.6 V
±1.0
μA
Reference Input Offset Voltage
VIO
±10
mV
Reference Divider Ratio
VREF/VS
D16 = 1
10
D16 = 0
5.0
Gain (Gm) Error (note 3)
EG
VREF = 2.6 V, D16 = 0
0
±4.0
%
VREF = 0.5 V, D16 = 0
0
±14
%
VREF = 2.6 V, D16 = 1
0
±4.0
%
VREF = 0.5 V, D16 = 1
0
±10
%
Propagation Delay Time
tpd
50% TO 90%:
PWM change to source on
600
750
1000
ns
PWM change to source off
50
150
350
ns
PWM change to sink on
600
750
1000
ns
PWM change to sink off
50
150
350
ns
Crossover Delay Time
tCOD
SR enabled
300
600
1000
ns
Thermal Shutdown Temperature
TJ
165
°C
Thermal Shutdown Hysteresis
ΔTJ
15
°C
UVLO Enable Threshold
VUVLO
Increasing VDD
3.9
4.2
4.45
V
UVLO Hysteresis
ΔVUVLO
0.05
0.10
V
Logic Supply Current
IDD
fPWM < 50 kHz
10
mA
Outputs off
8.0
mA
Idle mode (D18 = 1, D19 = 0)
1.5
mA
Sleep mode (inputs below 0.5 V)
100
μA
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.
3. EG = [(VREF/Range) - VS]/(VREF/Range).
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 50 V, VDD = 5.0 V, fPWM < 50 kHz (unless
otherwise noted), continued.


Similar Part No. - A3974SEDTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3974SEDTR-T ALLEGRO-A3974SEDTR-T Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - A3974SEDTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3965 ALLEGRO-A3965 Datasheet
390Kb / 8P
   DMOS Dual Full-Bridge PWM Motor Driver
November 1, 2004
A3995 ALLEGRO-A3995 Datasheet
939Kb / 9P
   DMOS Dual Full Bridge PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com