Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4411 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A4411
Description  Automotive AEC-Q100 qualified
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4411 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A4411 Datasheet HTML 5Page - Allegro MicroSystems A4411 Datasheet HTML 6Page - Allegro MicroSystems A4411 Datasheet HTML 7Page - Allegro MicroSystems A4411 Datasheet HTML 8Page - Allegro MicroSystems A4411 Datasheet HTML 9Page - Allegro MicroSystems A4411 Datasheet HTML 10Page - Allegro MicroSystems A4411 Datasheet HTML 11Page - Allegro MicroSystems A4411 Datasheet HTML 12Page - Allegro MicroSystems A4411 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Adjustable Frequency Buck or Buck-Boost Pre-Regulator with a
Synchronous Buck, 3 LDOs, Pulse-Width Window Watchdog, NPOR, and POK5V
A4411
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
OUTPUT VOLTAGE SPECIFICATIONS
Buck Output Voltage – Regulating
VVREG
VVIN = 13.5 V, ENB = 1, 0.1 A < IVREG < 1.25 A
5.25
5.35
5.45
V
PULSE-WIDTH MODULATION (PWM)
PWM Ramp Offset
PWM1OFFS VCOMP1 for 0% duty cycle
400
mV
LX1 Rising Slew Rate Control [2]
LX1RISE
VVIN = 13.5 V, 10% to 90%, IVREG = 1 A,
RSLEW = 22.1 kΩ
0.9
V/ns
VVIN = 13.5 V, 10% to 90%, IVREG = 1 A,
RSLEW = 249 kΩ
0.3
V/ns
LX1 Falling Slew Rate [2]
LX1FALL
VVIN = 13.5 V, 90% to 10%, IVREG = 1 A
1.5
V/ns
Buck Minimum On-Time
tON,MIN,BUCK
100
150
ns
Buck Maximum Duty Cycle
DMAX,BUCK tOFF,BUCK < 50 ns
100
%
Boost Minimum Off-Time
tON,MIN,BST
100
130
230
ns
Boost Duty Cycle
DMIN,BST
After VVIN > VINSTART, VVIN = 6.5 V
20
%
DMAX,BST
After VVIN > VINSTART, VVIN = 3.5 V
58
68
%
COMP1 to LX1 Current Gain
gmPOWER1
4.5
A/V
Slope Compensation [2]
SE1
fOSC = 2 MHz
1.04
1.48
1.92
A/µs
fOSC = 400 kHz
0.22
0.33
0.44
A/µs
INTERNAL MOSFET
MOSFET On-Resistance
RDSon
VVIN = 13.5 V, TJ = ‒40°C [2], IDS = 0.1 A
50
65
mΩ
VVIN = 13.5 V, TJ = 25°C [3], IDS = 0.1 A
75
90
mΩ
VVIN = 13.5 V, TJ = 150°C, IDS = 0.1 A
150
180
mΩ
MOSFET Leakage
IFET,LKG
IC disabled, VLX1 = 0 V, VVIN = 16 V, −40°C <
TJ < 85°C [3]
10
µA
IC disabled, VLX1 = 0 V, VVIN = 16 V, −40°C <
TJ < 150°C
50
150
µA
ERROR AMPLIFIER
Open-Loop Voltage Gain
AVOL1
60
dB
Transconductance
gmEA1
VSS1 = 750 mV
550
750
950
µA/V
VSS1 = 500 mV
275
375
475
µA/V
Output Current
IEA1
±75
µA
Maximum Output Voltage
EA1VO(max)
1.3
1.7
2.1
V
Minimum Output Voltage
EA1VO(min)
300
mV
COMP1 Pull-Down Resistance
RCOMP1
HICCUP1 = 1 or FAULT1 = 1 or
IC disabled, latched until VSS1 < VSS1RST
1
kΩ
1
Negative current is defined as coming out of the node or pin (sourcing), positive current is defined as going into the node or pin (sinking).
2
Ensured by design and characterization, not production tested.
3
Specifications at 25°C or 85°C are guaranteed by design and characterization, not production tested.
ELECTRICAL CHARACTERISTICS (continued) [1]: Valid at 3.5 V < VIN < 36 V, –40°C < TA = TJ < 150°C,
unless otherwise specified.
Continued on next page...


Similar Part No. - A4411

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4410 ALLEGRO-A4410 Datasheet
1Mb / 41P
   Programmable watchdog timer with a 30 ms activation delay
A4410KLVTR-T ALLEGRO-A4410KLVTR-T Datasheet
1Mb / 41P
   Programmable watchdog timer with a 30 ms activation delay
A4412 ALLEGRO-A4412 Datasheet
3Mb / 53P
   Buck or Buck/Boost Pre-Regulator with a Synchronous Buck, 5 Internal Linear Regulators, Pulse-Width Watchdog Timer, and SPI
A4412KLVTR-T ALLEGRO-A4412KLVTR-T Datasheet
3Mb / 53P
   Buck or Buck/Boost Pre-Regulator with a Synchronous Buck, 5 Internal Linear Regulators, Pulse-Width Watchdog Timer, and SPI
A4413 ALLEGRO-A4413 Datasheet
1Mb / 47P
   Adjustable Frequency Buck or Buck-Boost Pre-Regulator with Synchronous Buck, 5 V Protected LDO, Pulse-Width Window Watchdog, and NPOR
More results

Similar Description - A4411

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8585 ALLEGRO-A8585 Datasheet
3Mb / 35P
   Automotive AEC-Q100 qualified
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com